Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H747XI Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32H747XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747XI Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32H747XI Datasheet HTML 25Page - STMicroelectronics STM32H747XI Datasheet HTML 26Page - STMicroelectronics STM32H747XI Datasheet HTML 27Page - STMicroelectronics STM32H747XI Datasheet HTML 28Page - STMicroelectronics STM32H747XI Datasheet HTML 29Page - STMicroelectronics STM32H747XI Datasheet HTML 30Page - STMicroelectronics STM32H747XI Datasheet HTML 31Page - STMicroelectronics STM32H747XI Datasheet HTML 32Page - STMicroelectronics STM32H747XI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 252 page
background image
DS12930 Rev 1
19/242
STM32H747xI/G
Functional overview
46
The SMPS step-down converter can be used for the following purposes:
•
Direct supply of the VCORE domain
–
the SMPS step-down converter operating modes follow the device system
operating modes (Run, Stop, Standby).
–
the SMPS step-down converter output voltage are set according to the selected
VOS and SVOS bits (voltage scaling)
•
Delivery of an intermediate voltage level to supply the internal voltage regulator (LDO)
–
SMPS step-down converter operating modes
When the SDEXTHP bit is equal to 0 in the PWR_CR3 register, the SMPS step-
down converter follows the device system operating modes (Run, Stop and
Standby).
When the SDEXTHP bit is equal to 1 in PWR_CR3, the SMPS step-down
converter is forced to High-performance mode and does not follow the device
system operating modes (Run, Stop and Standby).
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the
selected SD level
•
Delivery of an external supply
–
The SMPS step-down converter is forced to High-performance mode (provided
SDEXTHP bit is equal to 1 in PWR_CR3)
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the
selected SD level
3.6
Low-power strategy
There are several ways to reduce power consumption on STM32H747xI/G:
•
Select the SMPS step-down converter as VCORE supply voltage source, as it allows to
enhance power efficiency.
•
Select the adequate voltage scaling
•
Decrease the dynamic power consumption by slowing down the system clocks even in
Run mode, and by individually clock gating the peripherals that are not used.
•
Save power consumption when one or both CPUs are idle, by selecting among the
available low-power mode according to the user application needs. This allows
achieving the best compromise between short startup time, low-power consumption, as
well as available wakeup sources.
The devices feature several low-power modes:
•
CSleep (CPU clock stopped)
•
CStop (CPU sub-system clock stopped)
•
DStop (Domain bus matrix clock stopped)
•
Stop (System clock stopped)
•
DStandby (Domain powered down)
•
Standby (System powered down)
CSleep and CStop low-power modes are entered by the MCU when executing the WFI
(Wait for Interrupt) or WFE (Wait for Event) instructions, or when the SLEEPONEXIT bit of
the Cortex®-Mx core is set after returning from an interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com