Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 9Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 10Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 7 of 246
Jun 20, 2019
Timers
8-bit timers (TMRb)
 (8 bits × 2 channels) × 2 units
 Select from among seven internal clock signals (PCLKB/1, PCLKB/2, PCLKB/8,
PCLKB/32, PCLKB/64, PCLKB/1024, PCLKB/8192) and one external clock signal
 Capable of output of pulse trains with desired duty cycles or of PWM signals
 The 2 channels of each unit can be cascaded to create a 16-bit timer
 Generation of triggers for A/D converter conversion
 Capable of generating baud-rate clocks for SCI5, SCI6, and SCI12
 Event linking by the ELC
Compare match timer
(CMT)
 (16 bits × 2 channels) × 2 units
 Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128,
PCLKB/512)
 Event linking by the ELC
Compare match timer W
(CMTW)
 (32 bits × 1 channel) × 2 units
 Compare-match, input-capture input, and output-comparison output are available.
 Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128,
PCLKB/512)
 Interrupt requests can be output in response to compare-match, input-capture, and
output-comparison events.
 Event linking by the ELC
Realtime clock (RTCd)*4
 Clock sources: Main clock, sub clock
 Selection of the 32-bit binary count in time count/second unit possible
 Clock and calendar functions
 Interrupt sources: Alarm interrupt, periodic interrupt, and carry interrupt
 Battery backup operation
 Time-capture facility for three values
 Event linking by the ELC
Watchdog timer (WDTA)
 14 bits × 1 channel
 Select from among 6 counter-input clock signals (PCLKB/4, PCLKB/64, PCLKB/128,
PCLKB/512, PCLKB/2048, PCLKB/8192)
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Counter-input clock: IWDT-dedicated on-chip oscillator
 Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256
 Window function: The positions where the window starts and ends are specifiable (the
window defines the timing with which refreshing is enabled and disabled).
 Event linking by the ELC
Communication
function
Ethernet controller
(ETHERC)
 Input and output of Ethernet/IEEE 802.3 frames
 Transfer at 10 or 100 Mbps
 Full- and half-duplex modes
 MII (Media Independent Interface) or RMII (Reduced Media Independent Interface) as
defined in IEEE 802.3u
 Detection of Magic PacketsTM*1 or output of a “wake-on-LAN” signal (WOL)
 Compliance with flow control as defined in IEEE 802.3x standards
DMA controller for
Ethernet controller
(EDMACa)
 Alleviation of CPU load by the descriptor control method
 Transmission FIFO: 2 Kbytes; Reception FIFO: 2 Kbytes
USB 2.0 FS host/
function module (USBb)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0 FS
 One port
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps), low speed (1.5 Mbps) (host only)
 Both self-powered mode and bus-powered mode are supported
 OTG (On the Go) operation is possible (low-speed is not supported)
 Incorporates 2 Kbytes of RAM as a transfer buffer
 External pull-up and pull-down resistors are not required
Table 1.1
Outline of Specifications (6/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com