Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 9Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 10Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 11Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 8 of 246
Jun 20, 2019
Communication
function
Serial communications
interfaces
(SCIg, SCIh, SCIi)
 13 channels (SCIg: 10 channels + SCIh: 1 channel + SCIi: 2 channels)
 SCIg, SCIh, SCIi
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
9-bit transfer mode
Bit rate modulation
Double-speed mode
 SCIg, SCIh
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Event linking by the ELC (only on channel 5)
 SCIh
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
 SCIi
Data can be transmitted or received in sequence by the 16-byte FIFO buffers of the
transmission and reception unit
I2C bus interface (RIICa)
 3 channels (only channel 0 can be used in fast-mode plus)
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 1 Mbps (channel 0)
 Event linking by the ELC
CAN module (CAN)
 2 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 32 mailboxes per channel
Serial peripheral
interface (RSPIc)
 3 channels
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
Transit/receive data can be swapped in byte units
 Buffered structure
Double buffers for both transmission and reception
 RSPCK can be stopped with the receive buffer full for master reception.
 Event linking by the ELC
Quad serial peripheral
interface (QSPI)
 1 channel
 Connectable with serial flash memory equipped with multiple input and output lines (i.e.
for single, dual, or quad operation)
 Programmable bit length and selectable active sense and phase of the clock signal
 Sequential execution of transfer
 LSB or MSB first is selectable
Table 1.1
Outline of Specifications (7/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com