Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 9Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 10Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 11Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 12Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 13Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 14Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 15Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 12 of 246
Jun 20, 2019
Table 1.2
Code Flash Memory Capacity and Comparison of Functions for Different Packages (1/2)
Functions
Products
Products with 1 Mbyte of code
flash memory or less
Products with at least 1.5 Mbytes of code
flash memory
Package 145 Pins,
144 Pins
100 Pins
64 Pins
177 Pins,
176 Pins
145 Pins,
144 Pins
100 Pins
64 Pins
Code Flash
Memory
Code Flash Memory Capacity
512 Kbytes/768 Kbytes
/1 Mbyte
1.5 Mbytes/2 Mbytes
Dual bank function
Not available
Available
BGO function
Not available
Available
Data Flash Memory
Not available
32 Kbytes
RAM
256 Kbytes
640 Kbytes
(256 Kbytes + 384 Kbytes of expansion RAM)
External bus
External bus width
16/8 bits
Not
available
32/16/8
bits
16/8 bits
Not
available
SDRAM area controller
Available
Not available
Available
Not available
DMA
DMA controller
Ch. 0 to 7
Data transfer controller
Available
EXDMA controller
Ch. 0 and 1
Not
available
Ch. 0 and 1
Not
available
Timers
16-bit timer pulse unit
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
Port output enable 3
Available
Programmable pulse generator
Ch. 0 and 1
Not
available
Ch. 0 and 1
Not
available
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Realtime clock
Available
Watchdog timer
Available
Independent watchdog timer
Available
Communication
function
Ethernet controller
Ch. 0 (only for
RX65N group)
Not
available
Ch. 0 (only for RX65N group)
Not
available
DMA Controller for the Ethernet
Controller
Ch. 0 (only for
RX65N group)
Not
available
Ch. 0 (only for RX65N group)
Not
available
USB 2.0 FS host/function
module
Ch. 0
Ch. 0*1
Ch. 0
Ch. 0*1
Serial communications
interfaces (SCIg)
Ch. 0 to 9
Ch. 0 to
3, 5, 6, 8
and 9
Ch. 1 to
3, 5, 8
and 9
Ch. 0 to 9
Ch. 0 to
3, 5, 6, 8
and 9
Ch. 1 to
3, 5, 8
and 9
Serial communications
interfaces (SCIh)
Ch. 12
Serial communications
interfaces (SCIi)
Ch. 10 and 11
I2C bus interfaces
Ch. 0 and 2
Ch. 0 to 2
Ch. 0 and
2
Serial peripheral interface
Ch. 0 to 2
Ch. 0 and
1
Ch. 0 to 2
Ch. 0 and
1
CAN module
Ch. 0 and 1
Not
available
Ch. 0 and 1
Not
available
Quad serial peripheral interface
Ch. 0
SD host interface
Available
SD slave interface
Available
Not
available
Available
Not
available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com