Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F56514FDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 3 of 246
Jun 20, 2019
Operating modes
 Operating modes by the mode-setting pins at the time of release from the reset state
Single-chip mode
Boot mode (for the SCI interface)
Boot mode (for the USB interface)
Boot mode (for the FINE interface)
 Selection of operating mode by register setting
Single-chip mode
On-chip ROM disabled extended mode
On-chip ROM enabled extended mode
 Endian selectable
Clock
Clock generation circuit
 Main clock oscillator, sub clock oscillator, low-speed/high-speed on-chip oscillator, PLL
frequency synthesizer, and IWDT-dedicated on-chip oscillator
 The peripheral module clocks can be set to frequencies above that of the system clock.
 Main-clock oscillation stoppage detection
 Separate frequency-division and multiplication settings for the system clock (ICLK),
peripheral module clocks (PCLKA, PCLKB, PCLKC, PCLKD), flash-IF clock (FCLK) and
external bus clock (BCLK)
The CPU and other bus masters run in synchronization with the system clock (ICLK): Up
to 120 MHz
Peripheral modules of MTU3, RSPI, SCIi, ETHERC, EDMAC, AES, GLCDC, and
DRW2D run in synchronization with PCLKA, which operates at up to 120 MHz.
Other peripheral modules run in synchronization with PCLKB: Up to 60 MHz
ADCLK in the S12AD (unit 0) runs in synchronization with PCLKC: Up to 60 MHz
ADCLK in the S12AD (unit 1) runs in synchronization with PCLKD: Up to 60 MHz
Flash IF run in synchronization with the flash-IF clock (FCLK): Up to 60 MHz
Devices connected to the external bus run in synchronization with the external bus clock
(BCLK): Up to 60 MHz
 Multiplication is possible with using the high-speed on-chip oscillator (HOCO) as a
reference clock of the PLL circuit
Reset
Nine types of reset
 RES# pin reset: Generated when the RES# pin is driven low.
 Power-on reset: Generated when the RES# pin is driven high and VCC = AVCC0 =
AVCC1 rises.
 Voltage-monitoring 0 reset: Generated when VCC = AVCC0 = AVCC1 falls.
 Voltage-monitoring 1 reset: Generated when VCC = AVCC0 = AVCC1 falls.
 Voltage-monitoring 2 reset: Generated when VCC = AVCC0 = AVCC1 falls.
 Deep software standby reset: Generated in response to an interrupt to trigger release
from deep software standby.
 Independent watchdog timer reset: Generated when the independent watchdog timer
underflows, or a refresh error occurs.
 Watchdog timer reset: Generated when the watchdog timer underflows, or a refresh
error occurs.
 Software reset: Generated by register setting.
Power-on reset
If the RES# pin is at the high level when power is supplied, an internal reset is generated.
After VCC = AVCC0 = AVCC1 has exceeded the voltage detection level and the specified
period has elapsed, the reset is cancelled.
Voltage detection circuit (LVDA)
Monitors the voltage being input to the VCC = AVCC0 = AVCC1 pins and generates an
internal reset or interrupt.
 Voltage detection circuit 0
Capable of generating an internal reset
The option-setting memory can be used to select enabling or disabling of the reset.
Voltage detection level: Selectable from three different levels (2.94 V, 2.87 V, 2.80 V)
 Voltage detection circuits 1 and 2
Voltage detection level: Selectable from three different levels (2.99 V, 2.92 V, 2.85 V)
Digital filtering (1/2, 1/4, 1/8, and 1/16 LOCO frequency)
Capable of generating an internal reset
 Two types of timing are selectable for release from reset
An internal interrupt can be requested.
 Detection of voltage rising above and falling below thresholds is selectable.
 Maskable or non-maskable interrupt is selectable
Voltage detection monitoring
Event linking
Table 1.1
Outline of Specifications (2/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com