Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F56514FDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 5 of 246
Jun 20, 2019
I/O ports
Programmable I/O ports
 I/O ports for the 177-pin TFLGA, 176-pin LFBGA, and 176-pin LFQFP
I/O pins: 136
Input pin: 1
Pull-up resistors: 136
Open-drain outputs: 136
5-V tolerance: 19
 I/O ports for the 145-pin TFLGA and 144-pin LFQFP
I/O pins: 111
Input pin: 1
Pull-up resistors: 111
Open-drain outputs: 111
5-V tolerance: 18
 I/O ports for the 100-pin TFLGA and 100-pin LFQFP
I/O pins: 78
Input pin: 1
Pull-up resistors: 78
Open-drain outputs: 78
5-V tolerance: 17
 I/O ports for the 64-pin TFBGA
I/O pins: 41
Input pin: 1
Pull-up resistors: 41
Open-drain outputs: 41
5-V tolerance: 8
 I/O ports for the 64-pin LFQFP
I/O pins: 42
Input pin: 1
Pull-up resistors: 42
Open-drain outputs: 42
5-V tolerance: 8
Event link controller (ELC)
 Event signals such as interrupt request signals can be interlinked with the operation of
functions such as timer counting, eliminating the need for intervention by the CPU to
control the functions.
 83 internal event signals can be freely combined for interlinked operation with
connected functions.
 Event signals from peripheral modules can be used to change the states of output pins
(of ports B and E).
 Changes in the states of pins (of ports B and E) being used as inputs can be interlinked
with the operation of peripheral modules.
Table 1.1
Outline of Specifications (4/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com