Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F56514FDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 9Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 6 of 246
Jun 20, 2019
Timers
16-bit timer pulse unit
(TPUa)
 (16 bits × 6 channels) × 1 unit
 Maximum of 16 pulse-input/output possible
 Select from among seven or eight counter-input clock signals for each channel
 Input capture/output compare function
 Output of PWM waveforms in up to 15 phases in PWM mode
 Support for buffered operation, phase-counting mode (two phase encoder input) and
cascade-connected operation (32 bits × 2 channels) depending on the channel.
 PPG output trigger can be generated
 Capable of generating conversion start triggers for the A/D converters
 Digital filtering of signals from the input capture pins
 Event linking by the ELC
Multifunction timer pulse
unit (MTU3a)
 9 channels (16 bits × 8 channels, 32 bits × 1 channel)
 Maximum of 28 pulse-input/output and 3 pulse-input possible
 Select from among 14 counter-input clock signals for each channel (PCLKA/1, PCLKA/
2, PCLKA/4, PCLKA/8, PCLKA/16, PCLK/A32, PCLKA/64, PCLKA/256, PCLKA/1024,
MTCLKA, MTCLKB, MTCLKC, MTCLKD, MTIOC1A)
14 of the signals are available for channel 0, 11 are available for channels 1, 3, 4, 6 to 8,
12 are available for channel 2, and 10 are available for channel 5.
 Input capture function
 39 output compare/input capture registers
 Counter clear operation (synchronous clearing by compare match/input capture)
 Simultaneous writing to multiple timer counters (TCNT)
 Simultaneous register input/output by synchronous counter operation
 Buffered operation
 Support for cascade-connected operation
 43 interrupt sources
 Automatic transfer of register data
 Pulse output mode
Toggle/PWM/complementary PWM/reset-synchronized PWM
 Complementary PWM output mode
Outputs non-overlapping waveforms for controlling 3-phase inverters
Automatic specification of dead times
PWM duty cycle: Selectable as any value from 0% to 100%
Delay can be applied to requests for A/D conversion.
Non-generation of interrupt requests at peak or trough values of counters can be
selected.
Double buffer configuration
 Reset synchronous PWM mode
Three phases of positive and negative PWM waveforms can be output with desired duty
cycles.
 Phase-counting mode: 16-bit mode (channels 1 and 2); 32-bit mode (channels 1 and 2)
 Counter functionality for dead-time compensation
 Generation of triggers for A/D converter conversion
 A/D converter start triggers can be skipped
 Digital filter function for signals on the input capture and external counter clock pins
 PPG output trigger can be generated
 Event linking by the ELC
Port output enable 3
(POE3a)
 Control of the high-impedance state of the MTU3 waveform output pins
 5 pins for input from signal sources: POE0#, POE4#, POE8#, POE10#, POE11#
 Initiation on detection of short-circuited outputs (detection of simultaneous PWM output
to the active level)
 Initiation by oscillation-stoppage detection or software
 Additional programming of output control target pins is enabled
Programmable pulse
generator (PPG)
 (4 bits × 4 groups) × 2 units
 Pulse output with the MTU3 or TPU output as a trigger
 Maximum of 32 pulse-output possible
Table 1.1
Outline of Specifications (5/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com