Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFM Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F56514FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFM Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F56514FDFM Datasheet HTML 27Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 28Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 29Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 30Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 31Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 32Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 33Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 34Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 31 of 246
Jun 20, 2019
Parallel data capture unit
PIXCLK
Input
Image transfer clock pin
VSYNC
Input
Vertical synchronization signal pin
HSYNC
Input
Horizontal synchronization signal pin
PIXD0 to PIXD7
Input
8-bit image data pins
PCKO
Output
Output pin for dot clock
Graphic-LCD controller
LCD_CLK-A, LCD_CLK-B
Output
Panel clock output pins
LCD_TCON3-A/
LCD_TCON3-B to
LCD_TCON0-A/
LCD_TCON0-B
Output
Control signal output pins
LCD_DATA23-A/
LCD_DATA23-B to
LCD_DATA0-A/
LCD_DATA0-B
Output
LCD signal output pins
LCD_EXTCLK-A,
LCD_EXTCLK-B
Input
Panel clock source input pins
Realtime clock
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock
RTCIC0 to RTCIC2
Input
Time capture event input pins
12-bit A/D converter
AN000 to AN007,
AN100 to AN120
Input
Input pins for the analog signals to be processed by the A/D
converter
ADTRG0#, ADTRG1#
Input
Input pins for the external trigger signals that start the A/D
conversion
ANEX0
Output
Extended analog output pin
ANEX1
Input
Extended analog input pin
12-bit D/A converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A
converter
Analog power supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter (unit 0).
Connect this pin to a branch from the VCC power supply.
Connect the pin to AVSS0 via a 0.1-μF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter (unit 0). Connect
this pin to a branch from the VSS ground power supply.
Connect the pin to AVCC0 via a 0.1-μF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter
(unit 0). Connect this pin to VCC if the 12-bit A/D converter is
not to be used.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter (unit
0). Connect this pin to VSS if the 12-bit A/D converter is not to
be used.
AVCC1
Input
Analog voltage supply and reference voltage supply pin for the
12-bit A/D converter (unit 1) and D/A converter. This pin also
supplies the analog voltage to the temperature sensor. Connect
this pin to a branch from the VCC power supply. Connect the
pin to AVSS1 via a 0.1-μF multilayer ceramic capacitor. The
capacitor should be placed close to the pin.
AVSS1
Input
Analog voltage supply and reference voltage supply pin for the
12-bit A/D converter (unit 1) and D/A converter. This pin also
supplies the analog ground voltage to the temperature sensor.
Connect this pin to a branch from the VSS ground power
supply. Connect the pin to AVCC1 via a 0.1-μF multilayer
ceramic capacitor. The capacitor should be placed close to the
pin.
Table 1.4
Pin Functions (7/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com