Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFM Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F56514FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFM Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F56514FDFM Datasheet HTML 94Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 95Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 96Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 97Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 98Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 99Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 100Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 101Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 98 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
0008 280Ch
EXDMA
C0
EXDMA Block Transfer Count Register
EDMCRB
16
16
1, 2 BCLK
EXDMAC
a
0008 2810h
EXDMA
C0
EXDMA Transfer Mode Register
EDMTMD
16
16
1, 2 BCLK
EXDMAC
a
0008 2812h
EXDMA
C0
EXDMA Output Setting Register
EDMOMD
8
8
1, 2 BCLK
EXDMAC
a
0008 2813h
EXDMA
C0
EXDMA Interrupt Setting Register
EDMINT
8
8
1, 2 BCLK
EXDMAC
a
0008 2814h
EXDMA
C0
EXDMA Address Mode Register
EDMAMD
32
32
1, 2 BCLK
EXDMAC
a
0008 2818h
EXDMA
C0
EXDMA Offset Register
EDMOFR
32
32
1, 2 BCLK
EXDMAC
a
0008 281Ch
EXDMA
C0
EXDMA Transfer Enable Register
EDMCNT
8
8
1, 2 BCLK
EXDMAC
a
0008 281Dh
EXDMA
C0
EXDMA Software Start Register
EDMREQ
8
8
1, 2 BCLK
EXDMAC
a
0008 281Eh
EXDMA
C0
EXDMA Status Register
EDMSTS
8
8
1, 2 BCLK
EXDMAC
a
0008 2820h
EXDMA
C0
EXDMA External Request Sense Mode Register
EDMRMD
8
8
1, 2 BCLK
EXDMAC
a
0008 2821h
EXDMA
C0
EXDMA External Request Flag Register
EDMERF
8
8
1, 2 BCLK
EXDMAC
a
0008 2822h
EXDMA
C0
EXDMA Peripheral Request Flag Register
EDMPRF
8
8
1, 2 BCLK
EXDMAC
a
0008 2840h
EXDMA
C1
EXDMA Source Address Register
EDMSAR
32
32
1, 2 BCLK
EXDMAC
a
0008 2844h
EXDMA
C1
EXDMA Destination Address Register
EDMDAR
32
32
1, 2 BCLK
EXDMAC
a
0008 2848h
EXDMA
C1
EXDMA Transfer Count Register
EDMCRA
32
32
1, 2 BCLK
EXDMAC
a
0008 284Ch
EXDMA
C1
EXDMA Block Transfer Count Register
EDMCRB
16
16
1, 2 BCLK
EXDMAC
a
0008 2850h
EXDMA
C1
EXDMA Transfer Mode Register
EDMTMD
16
16
1, 2 BCLK
EXDMAC
a
0008 2852h
EXDMA
C1
EXDMA Output Setting Register
EDMOMD
8
8
1, 2 BCLK
EXDMAC
a
0008 2853h
EXDMA
C1
EXDMA Interrupt Setting Register
EDMINT
8
8
1, 2 BCLK
EXDMAC
a
0008 2854h
EXDMA
C1
EXDMA Address Mode Register
EDMAMD
32
32
1, 2 BCLK
EXDMAC
a
0008 285Ch
EXDMA
C1
EXDMA Transfer Enable Register
EDMCNT
8
8
1, 2 BCLK
EXDMAC
a
0008 285Dh
EXDMA
C1
EXDMA Software Start Register
EDMREQ
8
8
1, 2 BCLK
EXDMAC
a
0008 285Eh
EXDMA
C1
EXDMA Status Register
EDMSTS
8
8
1, 2 BCLK
EXDMAC
a
0008 2860h
EXDMA
C1
EXDMA External Request Sense Mode Register
EDMRMD
8
8
1, 2 BCLK
EXDMAC
a
0008 2861h
EXDMA
C1
EXDMA External Request Flag Register
EDMERF
8
8
1, 2 BCLK
EXDMAC
a
0008 2862h
EXDMA
C1
EXDMA Peripheral Request Flag Register
EDMPRF
8
8
1, 2 BCLK
EXDMAC
a
0008 2A00h
EXDMA
C
EXDMAC Module Start Register
EDMAST
8
8
1, 2 BCLK
EXDMAC
a
0008 2BE0h
EXDMA
C
Cluster Buffer Register 0
CLSBR0
32
32
1, 2 BCLK
EXDMAC
a
0008 2BE4h
EXDMA
C
Cluster Buffer Register 1
CLSBR1
32
32
1, 2 BCLK
EXDMAC
a
0008 2BE8h
EXDMA
C
Cluster Buffer Register 2
CLSBR2
32
32
1, 2 BCLK
EXDMAC
a
0008 2BECh
EXDMA
C
Cluster Buffer Register 3
CLSBR3
32
32
1, 2 BCLK
EXDMAC
a
Table 4.1
List of I/O Registers (Address Order) (5 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com