Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFM Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F56514FDFM
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFM Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F56514FDFM Datasheet HTML 48Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 49Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 50Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 51Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 52Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 53Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 54Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 55Page - Renesas Technology Corp R5F56514FDFM Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 52 of 246
Jun 20, 2019
51
P14
MTIOC3A/
MTCLKA/
TIOCB5/
TCLKA/TMRI2/
PO15
CTS1#/RTS1#/
SS1#/CTX1/
USB0_OVRCUR
A
LCD_CL
K-A
IRQ4
52
P13
WR2#/BC2#
MTIOC0B/
TIOCA5/TMO3/
PO13
TXD2/SMOSI2/
SSDA2/
SDA0[FM+]
LCD_TC
ON0-A
IRQ3
ADTRG1
#
53
P12
WR3#/
BC3#
MTIC5U/
TMCI1
RXD2/SMISO2/
SSCL2/
SCL0[FM+]
LCD_TC
ON1-A
IRQ2
54
VCC_USB
55
USB0_DM
56
USB0_DP
57
VSS_USB
58
PJ2
TXD8/SMOSI8/
SSDA8/SSLC3-B
LCD_TC
ON2-A
59
PJ1
MTIOC6A
RXD8/SMISO8/
SSCL8/SSLC2-B
LCD_TC
ON3-A
60
PJ0
MTIOC6B
SCK8/SSLC1-B
LCD_DA
TA0-A
61
P85
MTIOC6C/
TIOCC0
LCD_DA
TA1-A
62
P84
MTIOC6D
LCD_DA
TA2-A
63
P57
RXD7/SMISO7/
SSCL7/SSLC0-B
LCD_DA
TA3-A
64
P56
EDACK1
MTIOC3C/
TIOCA1
SCK7/RSPCKC-
B
LCD_DA
TA4-A
65
P55
D0[A0/D0]/
EDREQ0/
WAIT#
MTIOC4D/
TMO3
ET0_EXOUT/
TXD7/SMOSI7/
SSDA7/MISOC-
B/CRX1
LCD_DA
TA5-A
IRQ10
66
P54
D1[A1/D1]/
EDACK0/
ALE
MTIOC4B/
TMCI1
ET0_LINKSTA/
CTS2#/RTS2#/
SS2#/MOSIC-B/
CTX1
LCD_DA
TA6-A
67
P11
MTIC5V/TMCI3
SCK2
LCD_DA
TA7-A
IRQ1
68
P10
ALE
MTIC5W/
TMRI3
IRQ0
69
P53*1
BCLK
70
P52
RD#
RXD2/SMISO2/
SSCL2/SSLB3-A
71
P51
WR1#/
BC1#/
WAIT#
SCK2/SSLB2-A
72
P50
WR0#/WR#
TXD2/SMOSI2/
SSDA2/SSLB1-A
73
VSS
Table 1.6
List of Pin and Pin Functions (176-Pin LFQFP) (3/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
176-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com