Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3U6CTR Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM8S003F3U6CTR
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6CTR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM8S003F3U6CTR Datasheet HTML 94Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 95Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 96Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 97Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 98Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 99Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 100Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 101Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 103 page
background image
Ordering information
STM8S003F3 STM8S003K3
98/103
DS7147 Rev 10
11
Ordering information
Figure 53. STM8S003F3/K3 value line ordering information scheme(1)
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
2. Refer to Table 1: STM8S003F3/K3 value line features for detailed description.
3. TSSOP and UFQFPN packages.
4. LQFP package.
STM8
S
003
K
3
T
6
TR
Product class
STM8 microcontroller
Pin count
F = 20 pins
K = 32 pins
Package type
T = LQFP
P = TSSOP
U = UFQFPN
Example:
Sub-family type(2)
00x = Value line sub-family
003 = low density
Family type
S = standard
Temperature range
6 = -40 °C to 85 °C
Program memory size
3 = 8 Kbyte
Package pitch
No character = 0.5 mm or 0.65 mm(3)
C = 0.8 mm(4)
Packing
No character = Tray or tube
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com