Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3U6CTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S003F3U6CTR
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6CTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S003F3U6CTR Datasheet HTML 24Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 25Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 26Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 27Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 28Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 29Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 30Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 31Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Pinouts and pin descriptions
STM8S003F3 STM8S003K3
28/103
DS7147 Rev 10
14
11
PC4/ CLK_CCO/
TIM1_
CH4/AIN2/
[TIM1_ CH2N]
I/O
X
X
X
HS
O3
X
X
Port C4
Configurable
clock
output/Timer
1 - channel
4/Analog
input 2
Timer 1 -
inverted
channel 2
[AFR7]
15
12
PC5/ SPI_SCK
[TIM2_ CH1]
I/O
X
X
X
HS
O3
X
X
Port C5 SPI clock
Timer 2 -
channel 1
[AFR0]
16
13
PC6/ SPI_MOSI
[TIM1_ CH1]
I/O
X
X
X
HS
O3
X
X
Port C6
SPI master
out/slave in
Timer 1 -
channel 1
[AFR0]
17
14
PC7/ SPI_MISO
[TIM1_ CH2]
I/O
X
X
X
HS
O3
X
X
Port C7
SPI master
in/ slave out
Timer 1 -
channel 2
[AFR0]
18
15 PD1/ SWIM(4)
I/O
X
X
X
HS
O4
X
X
Port D1
SWIM data
interface
-
19
16
PD2/AIN3/
[TIM2_ CH3]
I/O
X
X
X
HS
O3
X
X
Port D2
Analog input
3
Timer 2 -
channel 3
[AFR1]
20
17
PD3/ AIN4/
TIM2_ CH2/
ADC_ ETR
I/O
X
X
X
HS
O3
X
X
Port D3
Analog input
4/ Timer 2 -
channel
2/ADC
external
trigger
-
1. I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the
total driven current must respect the absolute maximum ratings.
2. When the MCU is in halt/active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for
waking up the device. In this mode, the output state of PA1 is not driven. It is recommended d to use PA1 only in input mode
if halt/active-halt is used in the application.
3. In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are
not implemented).
4. The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Table 6. STM8S003F3 pin description (continued)
Pin
no.
Pin name
Type
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
High
sink(1)
OD PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com