Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3U6CTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8S003F3U6CTR
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6CTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8S003F3U6CTR Datasheet HTML 26Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 27Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 28Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 29Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 30Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 31Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 32Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 33Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
Memory and register map
STM8S003F3 STM8S003K3
30/103
DS7147 Rev 10
6
Memory and register map
6.1
Memory map
Figure 6. Memory map
0x00 9FFF
Flash program memory
(8 Kbyte)
0x00 0000
RAM
0x00 03FF
(1 Kbyte)
513 byte stack
Reserved
Reserved
0x00 A000
0x02 7FFF
0x00 47FF
0x00 8000
32 interrupt vectors
0x00 807F
GPIO and periph. reg.
0x00 5000
0x00 57FF
0x00 5800
0x00 7FFF
0x00 480B
0x00 4FFF
0x00 7EFF
CPU/SWIM/debug/ITC
registers
0x00 7F00
Reserved
Option bytes
0x00 480A
0x00 4800
0x00 0800
0x00 8080
Reserved
0x00 407F
Data EEPROM
0x00 4000
Reserved
MS36410V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com