Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S003F3P6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # 8S003F3P6
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8S003F3P6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button 8S003F3P6 Datasheet HTML 51Page - STMicroelectronics 8S003F3P6 Datasheet HTML 52Page - STMicroelectronics 8S003F3P6 Datasheet HTML 53Page - STMicroelectronics 8S003F3P6 Datasheet HTML 54Page - STMicroelectronics 8S003F3P6 Datasheet HTML 55Page - STMicroelectronics 8S003F3P6 Datasheet HTML 56Page - STMicroelectronics 8S003F3P6 Datasheet HTML 57Page - STMicroelectronics 8S003F3P6 Datasheet HTML 58Page - STMicroelectronics 8S003F3P6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
DS7147 Rev 10
55/103
STM8S003F3 STM8S003K3
Electrical characteristics
87
Total current consumption in active halt mode
Table 25. Total current consumption in active halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max at
85° C
(1)
Unit
Main voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply current in
active halt mode
On
Operating mode
HSE crystal oscillator
(16 MHz)
1030
-
µA
LSI RC oscillator
(128 kHz)
200
260
Power-down mode
HSE crystal oscillator
(16 MHz)
970
-
LSI RC oscillator
(128 kHz)
150
200
Off
Operating mode
LSI RC oscillator
(128 kHz)
66
85
Power-down mode
10
20
1. Data based on characterization results.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.
Table 26. Total current consumption in active halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max
at
85° C
(1)
Unit
Main voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply current
in active halt
mode
On
Operating mode
HSE crystal osc. (16 MHz)
550
-
µA
LSI RC osc. (128 kHz)
200
260
Power-down mode
HSE crystal osc. (16 MHz)
970
-
LSI RC osc. (128 kHz)
150
200
Off
Operating mode
LSI RC osc. (128 kHz)
66
80
Power-down mode
10
18
1. Data based on characterization results.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com