Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S003F3P6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # 8S003F3P6
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8S003F3P6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button 8S003F3P6 Datasheet HTML 23Page - STMicroelectronics 8S003F3P6 Datasheet HTML 24Page - STMicroelectronics 8S003F3P6 Datasheet HTML 25Page - STMicroelectronics 8S003F3P6 Datasheet HTML 26Page - STMicroelectronics 8S003F3P6 Datasheet HTML 27Page - STMicroelectronics 8S003F3P6 Datasheet HTML 28Page - STMicroelectronics 8S003F3P6 Datasheet HTML 29Page - STMicroelectronics 8S003F3P6 Datasheet HTML 30Page - STMicroelectronics 8S003F3P6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
DS7147 Rev 10
27/103
STM8S003F3 STM8S003K3
Pinouts and pin descriptions
29
Table 6. STM8S003F3 pin description
Pin
no.
Pin name
Type
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
High
sink(1)
OD PP
118
PD4/ BEEP/
TIM2_ CH1/
UART1 _CK
I/O
X
X
X
HS
O3
X
X
Port D4
Timer 2 -
channel
1/BEEP
output/
UART1 clock
-
219
PD5/ AIN5/
UART1 _TX
I/O
X
XX
HS
O3
XX
Port D5
Analog input
5/ UART1
data transmit
-
320
PD6/ AIN6/
UART1 _RX
I/O
X
XX
HS
O3
XX
Port D6
Analog input
6/ UART1
data receive
-
4
1 NRST
I/O
-
X
-
-
---
Reset
-
5
2 PA1/ OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port A1
Resonator/
crystal in
-
6
3 PA2/ OSCOUT
I/O
X
X
X
-
O1
X
X
Port A2
Resonator/
crystal out
-
7
4 VSS
S
-
-
-
-
-
-
-
Digital ground
-
8
5 VCAP
S
-
--
-
---
1.8 V regulator
capacitor
-
9
6 VDD
S
-
--
-
---
Digital power supply
-
10
7
PA3/ TIM2_ CH3
[SPI_ NSS]
I/O
X
X
X
HS
O3
X
X
Port A3
Timer 2
channel 3
SPI master/
slave select
[AFR1]
11
8
PB5/ I2C_ SDA
[TIM1_ BKIN]
I/O
X
-
X
-
O1 T(3)
-
Port B5
I2C data
Timer 1 -
break input
[AFR4]
12
9 PB4/ I2C_ SCL
I/O
X
-
X
-
O1
T(3)
-
Port B4
I2C clock
ADC
external
trigger
[AFR4]
13
10
PC3/ TIM1_CH3
[TLI]
[TIM1_ CH1N]
I/O
X
X
X
HS
O3
X
X
Port C3
Timer 1 -
channel 3
Top level
interrupt
[AFR3]
Timer 1 -
inverted
channel 1
[AFR7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com