Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S003F3P6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # 8S003F3P6
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8S003F3P6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button 8S003F3P6 Datasheet HTML 62Page - STMicroelectronics 8S003F3P6 Datasheet HTML 63Page - STMicroelectronics 8S003F3P6 Datasheet HTML 64Page - STMicroelectronics 8S003F3P6 Datasheet HTML 65Page - STMicroelectronics 8S003F3P6 Datasheet HTML 66Page - STMicroelectronics 8S003F3P6 Datasheet HTML 67Page - STMicroelectronics 8S003F3P6 Datasheet HTML 68Page - STMicroelectronics 8S003F3P6 Datasheet HTML 69Page - STMicroelectronics 8S003F3P6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 103 page
background image
Electrical characteristics
STM8S003F3 STM8S003K3
66/103
DS7147 Rev 10
9.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 38. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level
voltage
VDD = 5 V
-0.3
-
0.3 x VDD
V
VIH
Input high level
voltage
0.7 x VDD
-VDD + 0.3 V
V
Vhys
Hysteresis(1)
-700
-
mV
Rpu
Pull-up resistor
VDD = 5 V, VIN = VSS
30
55
80
k
Ω
tR, tF
Rise and fall time
(10% - 90%)
Fast I/Os
Load = 50 pF
--
20(2)
ns
Standard and high sink I/Os
Load = 50 pF
-
-
125(2)
ns
Ilkg
Input leakage
current,
analog and digital
VSS
≤ VIN ≤ VDD
--
±1
µA
Ilkg ana
Analog input
leakage current
VSS
≤ VIN ≤ VDD
--
±250 (3)
nA
Ilkg(inj)
Leakage current in
adjacent I/O
Injection current ±4 mA
-
-
±1(3)
µA
1. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results.
2. Data guaranteed by design.
3. Data based on characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com