Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 103Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 104Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 105Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 106Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 107Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 108Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 109Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 110Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 193 page
background image
Table 44. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 0 °C 25 °C 85 °C 105 °C
IDD
(Stop 1)
Supply
current in
Stop 1 mode,
RTC
disabled
BLE disabled
LCD disabled
1.8 V 5.05 9.20
15.5
28.0
96.0
210
7.00 28.4
343.7
738.6
µA
2.4 V 5.10 9.25
15.5
28.5
96.5
215
-
-
-
-
3.0 V 5.15 9.30
15.5
28.5
97.0
215
7.07 28.5
346.8
746.0
3.6 V 5.25 9.45
16.0
29.0
97.5
215
7.30 28.8
351.0
749.4
BLE disabled
LCD enabled(2),
clocked by LSI
1.8 V 5.05 9.30
15.5
28.5
96.0
210
7.10 28.7
344.4
739.0
2.4 V 5.10 9.35
16.0
28.5
96.5
215
-
-
-
-
3.0 V 5.20 9.65
16.0
28.5
97.0
215
7.26 29.6
345.0
747.0
3.6 V 5.55 9.85
16.0
29.0
98.5
215
7.62 29.8
349.0
750.8
IDD
(Stop 1
with
RTC)
Supply
current in
Stop 1 mode,
RTC
enabled,
BLE disabled
RTC clocked by LSI
LCD disabled
1.8 V 5.30 9.35
16.0
28.5
96.5
215
7.30 29.5
343.7
739.2
2.4 V 5.40 9.45
16.0
28.5
97.0
215
-
-
-
-
3.0 V 5.70 9.55
16.5
29.0
98.5
220
7.69 29.7
347.2
746.1
3.6 V 5.85 10.0
16.5
29.5
96.5
215
8.08 29.8
349.9
751.1
RTC clocked by LSI
LCD enabled(2)
1.8 V 5.25 9.60
16.0
28.5
96.5
215
7.10 29.0
344.3
739.9
2.4 V 5.30 9.75
16.0
29.0
97.0
215
-
-
-
-
3.0 V 5.85 9.80
16.5
29.0
97.5
215
7.53 29.8
347.4
746.2
3.6 V 5.90 10.5
16.5
29.0
98.5
220
8.18 29.9
350.6
751.8
RTC clocked by
LSE quartz(3) in
Low drive mode
1.8 V 5.35 9.55
16.0
28.5
96.5
215
6.00 28.7
343.9
738.7
2.4 V 5.40 9.70
16.0
29.0
96.5
215
-
-
-
-
3.0 V 5.75 9.70
16.0
29.0
97.5
215
7.40 28.9
346.6
743.8
3.6 V 5.90 10.0
16.5
29.5
99.0
220
7.58 29.2
349.0
749.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com