Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55CCU6TR Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32WB55CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU6TR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32WB55CCU6TR Datasheet HTML 105Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 106Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 107Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 108Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 109Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 110Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 111Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 112Page - STMicroelectronics STM32WB55CCU6TR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 193 page
background image
Table 45. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 0 °C 25 °C 85 °C 105 °C
IDD
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled,
BLE disabled,
LCD disabled
--
1.8 V 95.5
100
110
120
195
315
110.0 114.2 458.1
874.8
µA
2.4 V 97.5
105
110
125
195
315
-
-
-
-
3.0 V 98.5
105
110
125
195
320
117.3 134.3 461.8
880.0
3.6 V 100
105
115
125
200
320
165.0 135.7 494.0
884.1
Supply current
during wakeup
from Stop 0
Bypass mode
Wakeup clock
HSI16,
voltage Range 2.
See (2).
2. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 51: Low-power mode
wakeup timings.
3.0 V
-
331
-
-
-
-
-
-
-
-
Wakeup clock is
MSI = 32 MHz,
voltage Range 1.
See (2).
3.0 V
-
349
-
-
-
-
-
-
-
-
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (2).
3.0 V
-
196
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com