Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3170EE2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSSC3170EE2
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170EE2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSSC3170EE2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
9
May 30, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.6
Input Current LIN
Dominant
ILINPASdom
VLIN = 0V; VB = 12V;
driver off
-1
mA
1.3.7.7
Input Current LIN
Recessive,
No GND for Bus
ILIN_NOGND
0V
 V
LIN  18V;
VGND = VVB; VB = 12V
-1
1
mA
1.3.7.8
Input Current LIN
No GND for Bus
ILIN_LOSTVB
-
40°C ≤ TAMB ≤ 125°C;
VGND = VSUP = 0V;
0V
 V
LIN  18V
3
20
µA
125°C ≤ TAMB ≤ 150°C;
VGND = VSUP = 0V;
0V
 V
LIN  18V
3
50
µA
1.3.7.9
Slew Rate
3)
SRLIN
Rising and falling edges,
transmit and receive
0.5
1.3
3
V/µs
1.3.7.10
Input Low Level Receiver
VRECL
0.4
VB
1.3.7.11
Input High Level Receiver
VRECH
0.6
VB
1.3.7.12
Input Hysteresis Receiver
VRECHYS
VRECHYS = VRECH - VRECL
0.08
0.12
VB
1.3.7.13
Input Center Point
Receiver
VBUS_CNT
VBUS_CNT = (VRECL + VRECH)/2
0.475
0.5
0.525
VB
1.3.7.14
Duty Cycle 1
D1
THRec(max) = 0.744 * VB;
THDom(max) = 0.581 * VB;
VB = 7.0 to 18V; tBit = 50µs;
D1 = tBUS_rec(min)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.396
-
1.3.7.15
Duty Cycle 2
D2
THRec(min) = 0.422 * VB;
THDom(min) = 0.284 * VB;
VB = 7.6 to 18V; tBit = 50µs;
D1 = tBUS_rec(max)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.581
-
1.3.7.16
Duty Cycle 3
D3
THRec(max) = 0.778 * VB;
THDom(max) = 0.616 * VB;
VB = 7.0 to 18V; tBit = 96µs;
D3 = tBUS_rec(min)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.417
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com