Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3170EE2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3170EE2
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170EE2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3170EE2 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
16
May 30, 2016
Table 2.4
A/D Resolution and Conversion Time in PWM Modes
Mode
A/D Resolution
Total
(bit)
A/D Resolution
MSB Segment
Conversion
(bit)
A/D Resolution
LSB Segment
Conversion
(bit)
A/D Conversion
Mode
ADC MODE
1)
PWM Cycle Time
(fOSC = 1.8MHz)
(ms)
PWM /
ADC
2 step
1)
14
12
2
00
19.9
14
11
3
01
10.8
14
10
4
10
6.3
14
9
5
11
4.0
13
11
2
00
10.8
13
10
3
01
6.3
13
9
4
10
4.0
13
8
5
11
2.8
PWM /
ADC
1 step
14
14
n/a
n/a
37.5
13
13
n/a
n/a
19.3
1)
See the ZSSC3170 Functional Description for details.
Table 2.5
A/D Resolution and Conversion Time in LIN Modes
Mode
A/D Resolution
Total
(bit)
A/D Resolution
MSB Segment
Conversion
(bit)
A/D Resolution
LSB Segment
Conversion
(bit)
A/D Conversion
Mode
ADC MODE
1)
Response Time
2)
in LIN Mode
(fOSC = 2.2MHz)
(ms)
LIN /
ADC
2 step
14
12
2
00
16.3
14
11
3
01
8.9
14
10
4
10
5.2
14
9
5
11
3.3
13
11
2
00
8.9
13
10
3
01
5.2
13
9
4
10
3.3
13
8
5
11
2.4
LIN /
ADC
1 step
14
14
n/a
n/a
61.5
13
13
n/a
n/a
31.7
1)
See the ZSSC3170 Functional Description for details.
2)
Total response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com