Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3170EE2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC3170EE2
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170EE2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC3170EE2 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3170EE2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Automotive Sensor Signal Conditioner
with LIN and PWM Interface
ZSSC3170
Datasheet
© 2016 Integrated Device Technology, Inc.
1
May 30, 2016
May 27, 2016
Brief Description
The ZSSC3170 is a CMOS integrated circuit for highly
accurate amplification and sensor specific correction
of bridge sensor signals. Featuring a maximum analog
gain of 420, as well as extended offset compensation
capabilities, the ZSSC3170 is adjustable to nearly all
resistive bridge sensor types.
Digital compensation of offset, sensitivity, temperature
drift, and nonlinearity is accomplished via a 16-bit
RISC microcontroller. Conditioning coefficients are
stored in an EEPROM certified for automotive appli-
cations.
Measured values are provided by one of the digital
LIN or PWM interfaces. Each interface can support
end-of-line calibration using the sensor output. Noise
sensitivity is greatly reduced because the calibration
equipment and the ZSSC3170 are mated digitally.
For quick and easy evaluation and support for
calibrating prototypes, IDT offers the ZSSC3170 SSC
Evaluation Kit, which includes evaluation hardware,
SSOP20 samples, and software.
Features
Complies with LIN specifications 1.3 / 2.0 / 2.1
Configurable LIN publisher frame content
Data conversion rate of up to 430Hz fully utilizes
the maximum LIN channel capacity of 20kbit/s
PWM high-side and low-side switches, support for
LIN communication for end-of-line calibration
Digital compensation of offset, gain, temperature
effects up to 2
nd order, and nonlinearity up to 3rd
order. Compensation of temperature sensor offset,
gain, and nonlinearity up to 2
nd order.
Internal or external temperature reference
Media temperature sensing by diode or RTD
Load dump protection of the LIN pin up to ±40V
Accuracy
±0.25% FSO @ -20 to 85°C
±0.50% FSO @ -40 to 125°C
±1.00% FSO @ -40 to 150°C
3 EEPROM words available for optional user data
Benefits
Measurement and temperature signal available via
one output pin
Compatible with nearly all resistive bridge inputs
No external trimming components required
Single-pass calibration minimizes calibration costs
End-of-line calibration using sensor output
Optimized for automotive environments with
special protection circuitry, excellent electro-
magnetic compatibility, and numerous diagnostic
features; AEC-Q100-qualified
Available Support
Evaluation Kit
Application Notes
Calculation Tools
Physical Characteristics
Supply voltage: 7 to 18 V
Current consumption in Sleep Mode: ≤ 100μA
Input span: 1.8 to 267 mV/V
ADC resolution: 13 to 14 bit
Output resolution: up to 12-bit (LIN and PWM)
Operating temperature range: -40 to 125°C
Extended operating temperature range: ≤150°C
RoHS-compliant delivery form options:
SSOP20, DFN20, or die
ZSSC3170 Basic Circuit
LIN
VBAT
GND


Similar Part No. - ZSSC3170EE2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3170EE2R IDT-ZSSC3170EE2R Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
ZSSC3170EE2T IDT-ZSSC3170EE2T Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
More results

Similar Description - ZSSC3170EE2

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
Fast Automotive Sensor Signal Conditioner
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
ZSSC3170 IDT-ZSSC3170 Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
6/2019-Revision 0
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com