Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-701ASDZ Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
MIL-STD883C Method 3015.4
Class 1 (> 1KV) for high speed I/O pins
to the Electrical Contacts
JEDEC DESD22-A11-4-B
Class 1 (> 2KV) for all other pins
Electrostatic Discharge (ESD)
IEC 61000-4-2
Typically, no damage occurs with 25 kV when
to the Duplex LC Receptacle
the duplex LC connector receptacle is
contacted by a Human Body Model probe.
Life Traffic ESD Immunity
IEC 61000-4-2
10 contacts of 8 kV on the electrical faceplate
with device inserted into a panel.
Life Traffic ESD Immunity
IEC 61000-4-2
Air discharge of 15 kV (min.) contact to
connector without damage.
Electromagnetic
FCC Class B
System margins are dependent on customer
Interference (EMI)
CENELEC EN55022 Class B
board and chassis design.
(CISPR 22A)
VCCI Class 1
RF Immunity
IEC 61000-4-3
Typically shows no measurable effect from a 10
V/m field swept from 80MHz to 1 GHz
Laser Eye Safety and
US FDA CDRH AEL Class 1
CDRH Accession No. 9521220-158
Equipment Type Testing
US21 CFR, Subchapter J per
Pending Completion
Paragraphs 1002.10 and 1002.12
(IEC) EN60825-1: 1994 + A11 + A2
(IEC) EN60825-2: 1994 + A1
(IEC) EN60950: 1992 + A1 + A2 + A3
+ A4 + A11
Component Recognition
Underwriters Laboratories and Canadian
UL file E173874
Standards Association Joint Component
Recognition for Information Technology
Equipment including Electrical Business
Equipment
RoHS Compliance
RoHS Directive 2002/95/EC and
SGS Test Report No. LPC1/00895/08
it’s amendment directives 6/6
CTS ref. CTS/08-0238/Avago
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
Product Safety
¨
¨



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com