Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-701ASDZ Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 13Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Table 6. High Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Input Differential Voltage, |(TD +) - (TD-)|
VI
180
700
mV
Note 1
Tx Input AC Common Mode Voltage Tolerance
15
mV(RMS)
Tx Input Differential S-parameter (100 Ω Ref.)
SDD11
-12
dB
0.01-1.0 GHz
Note 3
dB
1.0-11.1 GHz
Tx Input Reflected Differential to
SCD11
-10
dB
0.01-11.1 GHz
Common Mode Conversion (25 Ω Ref.)
Rx Output Differential Voltage, |(RD +) - (RD-)|
Vo
300
850
mV
Note 2
Rx Output Termination Mismatch @ 1MHz
'Zm
5
%
Rx Output AC Common Mode Voltage
7.5
mV(RMS)
Note 5
Rx Output Output Rise and Fall Time
tr, tf
28
ps
(20% to 80%)
Rx Output Total Jitter
TJ
0.70
Ulp-p
Rx Output Deterministic Jitter
DJ
0.42
Ulp-p
Rx Output Differential S-parameter
SDD22
-12
dB
0.01-1.0 GHz
(100 Ω Ref.)
Note 4
dB
1.0-11.1 GHz
Rx Output Common Mode Reflection
SCC22
-6
dB
0.01-2.5 GHz
Coefficient (25 Ω Ref.)
-3
dB
2.5-11.1 GHz
Receiver Output Eye Mask
See Figure 4a
Notes:
1. Internally AC coupled and terminated (100 Ohm differential).
2. Internally AC coupled but requires an external load termination (100 Ohm differential).
3. Reflection Coefficient given by equation SDD11(dB)=Max(-12 + 2*SQRT(f ) -6.3+13Log10(f/5.5)), with f in GHz.
4. Differential Output S-parameter given by equation SDD22(dB)= Max(-12 + 2*SQRT(f ) -6.3+13Log10(f/5.5)), with f in GHz.
5. The RMS value is measured by calculating the standard deviation of the histogram for one UI of the common mode signal.
Table 5. Low Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
258
361
mA
Note 1
Power Dissipation
PDISS
850
1250
mW
TX_FAULT, RX_LOS
IOH
- 50
+ 37.5
PA
Note 2
VOL
- 0.3
0.4
V
TX_DISABLE
VIH
2.0
VccT + 0.3
V
Note 3
VIL
-0.3
0.8
V
Notes:
1. Supply current includes both VccT and VccR connections.
2. Measured with a 4.7 k Ω load to VccHost.
3. TX_DISABLE has an internal 4.7 kΩ to 10 kΩ pull-up to VccT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com