Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-701ASDZ Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 13Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 14Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 15Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 16Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 17Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-1534EN - January 18, 2011
Figure 6. Module drawing
Label format
7&$6(5()(5(1&(32,17
/$7&+&2/25
%/8(*%$6(/5
81&2035(66('
81&2035(66('

7;
5;
81&2035(66('

 “




 “
Figure 7. Module label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com