Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTK3541 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK3541
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3541 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK3541 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2016. 03. 27
4/4
FTK3541
Revision No : 0
Min.
Max.
Min.
Max.
A
0.500
0 020
A1
0.000
0 050
0.000
0 002
b
0.170
0 270
0.007
0 011
b1
0.270
0.370
0.011
0 015
c
0.150
0 006
D
1.150
1 250
0.045
0 049
E
1.150
1 250
0.045
0 049
E1
0.750
0.850
0.030
0 033
e
7° REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
7° REF.
0.800TYP.
0.031TYP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com