Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTK3541 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3541
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3541 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3541 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2016. 03. 27
3/4
FTK3541
Revision No : 0
Typical Characteristics
0
1
2
3
4
5
0.00
0.05
0.10
0.15
0.20
01
2
3
4
0.1
1
10
100
0
5
10
15
20
0
5
10
15
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1
10
100
0
20
40
60
4 0V
T
a=25
Pulsed
Output Characteristics
3.5V
V
GS=3.0V
V
GS=2 5V
V
GS=2.0V
V
GS=1 5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
0.3
3
30
V
DS=3V
T
a=25
Pulsed
Transfer Characteristics
200
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
Pulsed
I
D=100mA
I
D=50mA
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
0.3
3
30
200
V
GS=0V
T
a=25
Pulsed
V
SD
I
S
——
200
SOURCE TO DRAIN VOLTAGE V
SD
(V)
30
3
T
a=25
Pulsed
I
D
——
R
DS(ON)
V
GS=2.5V
V
GS=4V
DRA N CURRENT I
D
(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com