Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTK3541 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3541
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3541 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3541 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3541 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2016. 03. 27
2/4
FTK3541
Revision No : 0
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =10µA
30
V
Gate-source leakage current
IGSS
VDS =0V, VGS =±20V
±2
µA
Zero gate voltage drain current
IDSS
VDS =30V, VGS =0V
1.0
µA
Gate threshold voltage
VGS(th)
VDS =3V, ID =100µA
0.8
1.5
V
VGS =4V, ID =10mA
5
8
Static drain-source on-state resistance
RDS(on)
VGS =2.5V, ID =1mA
7
13
Forward transconductance
gFS
VDS =3V, ID =10mA
20
mS
Input capacitance
Ciss
13
Output capacitance
Coss
9
Reverse transfer capacitance
Crss
VDS =5V,VGS =0V,f =1MHz
4
pF
Turn-on delay time
td(on)
15
Rise time
tr
35
Turn-off delay time
td(off)
80
Fall time
tf
VGS=5V,VDD=5V, ID =10mA
RL=500Ω,RG=10Ω
80
ns
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com