Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMGP-6552 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 3 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
911
14
13
15
16
10
12
911
14
13
15
16
10
12
911
14
13
15
16
10
12
LSL
LSL
LSL
-11
-10
-9
-7
-8
-5
-4
-3
-1
-2
-6
-11
-10
-9
-7
-8
-5
-4
-3
-1
-2
-6
-11
-10
-9
-7
-8
-5
-4
-3
-1
-2
-6
LSL
LSL
LSL
CGain @ 40.5 GHz, Mean = 12.1 dB, LSL = 10.5 dB
IIP3 @ 43.5 GHz, Mean = -8.7 dBm, LSL = -10 dBm
IIP3 @ 42 GHz, Mean = -5.8 dBm, LSL = -9 dBm
IIP3 @ 40.5 GHz, Mean = -4.3 dBm, LSL = -9 dBm
Product Consistency Distribution Charts at 40.5 GHz, 42 GHz and 43.5 GHz, Vdd = 3 V, IF = 1 GHz, LO = 17 dBm
(Sample size of 2,400 pieces)
CGain @ 42 GHz, Mean = 11.8 dB, LSL = 10.5 dB
CGain @ 43.5 GHz, Mean = 12.6 dB, LSL = 10.5 dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com