Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMGP-6552 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 6 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 7. Conversion Gain at 25° C, Vdd = 3 V LSB and USB
Figure 9. Conversion Gain @ 25° C, Vdd = 3 V, vs. LO Power
Figure 8. Input IP3 at 25° C, Vdd = 3 V, LSB and USB
Figure 10. Noise Figure at 25° C over Vdd, Upper Side Band
Figure 11. Image Rejection Ratio @ 25° C, Vdd = 3 V, LSB and USB
Figure 12. Input IP3 @ 25° C, Vdd = 3 V, vs. LO Power
Performance plots (USB vs. LSB; LO power)
Conversion Gain @ Vd = 3 V
LSB
USB
Conversion Gain @ 25° C, Vdd = 3 V
0
5
10
15
20
37
38
39
40
41
42
43
44
Frequency (GHz)
Input IP3 @ 25° C, Vdd = 3 V
-10
-5
0
5
37
38
39
40
41
42
43
44
Frequency (GHz)
0
5
10
15
20
37
38
39
40
41
42
43
44
Frequency (GHz)
Noise Figure @ 25° C, USB
2.0
3.0
4.0
5.0
6.0
7.0
8.0
37
38
39
40
41
42
43
44
Frequency (GHz)
Vdd = 3 V
Vdd = 3.5 V
Vdd = 4 V
LSB
USB
IRR @ 25° C, Vdd = 3 V
0
5
10
15
20
25
37
38
39
40
41
42
43
44
Frequency (GHz)
Input IP3 @ 25° C, Vdd = 3 V
-10
-5
0
5
37
38
39
40
41
42
43
44
Frequency (GHz)
LSB
USB
LO = 15 dBm
LO = 16 dBm
LO = 15 dBm
LO = 16 dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com