Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMGP-6552 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 7 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 13. Conversion Gain, Vdd = 3 V, LSB Over Temperature
Figure 15. RF Return Loss, Vdd = 3 V Over Temperature
Figure 14. Input IP3, Vdd = 3 V, LSB Over Temperature
Figure 16. Noise Figure, Vdd = 3 V, LSB Over Temperature
Figure 17. Input IP2 @ 25° C, Vdd = 3 V, LO = 15 dBm and RF Power = -30 dBm
Figure 18. IF Return Loss @ 25° C, LO = 15 dBm
Performance plots (Over Temp, LSB)
Noise Figure @ Vdd = 3 V, LSB
LSB
LSB
25° C
-40° C
85° C
25° C
-40° C
85° C
Conversion Gain @ Vd = 3 V, LSB
0
5
10
15
20
37
38
39
40
41
42
43
44
Frequency (GHz)
Input IP3 Over Temp, Vdd = 3 V
-15
-10
-5
0
5
10
37
38
39
40
41
42
43
44
Frequency (GHz)
RF Return Loss @ Vdd = 3 V
-30
-25
-20
-15
-10
-5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
0
1
2
3
4
5
6
7
37
38
39
40
41
42
43
44
Frequency (GHz)
IIP2 @ 25° C, Vdd = 3 V, LO = 15 dBm
0
5
10
15
20
25
30
35
37
38
39
40
41
42
43
44
Frequency (GHz)
IF Return Loss @ 25° C, LO = 15 dBm
-20
-15
-10
-5
0
02
46
8
10
Frequency (GHz)
0
25° C
-40° C
85° C
25° C
85° C
-40° C
IF1
IF2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com