Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN7430/Y9X Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 50Page - Microchip Technology LAN7430/Y9X Datasheet HTML 51Page - Microchip Technology LAN7430/Y9X Datasheet HTML 52Page - Microchip Technology LAN7430/Y9X Datasheet HTML 53Page - Microchip Technology LAN7430/Y9X Datasheet HTML 54Page - Microchip Technology LAN7430/Y9X Datasheet HTML 55Page - Microchip Technology LAN7430/Y9X Datasheet HTML 56Page - Microchip Technology LAN7430/Y9X Datasheet HTML 57Page - Microchip Technology LAN7430/Y9X Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 54
 2018-2019 Microchip Technology Inc.
Note 7-6
This specification applies to all inputs and three-stated bi-directional pins.
Note 7-7
IEEE 802.ab Test Mode 1
Note 7-8
From 1/2 of average VOP, Test Mode 1
Note 7-9
IEEE 802.ab distortion processing
RGMII_I Type Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDVARIO)
Input Capacitance
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
0.6*VDDVARIO
0.74
0.84
58
-15
0.89
0.96
66
2
1.08
1.18
110
2
1.39
1.50
122
2
0.4*VDDVARIO
1.57
1.69
150
15
3
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
RGMII_O Type Buffer
Low Output Level
High Output Level
Output Impedance
VOL
VOH
RO
0.7*VDDVARIO
50
50
50
0.4
V
V
Ω
IOL = -6 mA
IOH = 6 mA
TABLE 7-7:
1000BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Peak Differential Output Voltage
IEEE 802.3 clause 40.6.1.2.1
VOP
670
820
mV
Note 7-7
Signal Amplitude Symmetry
IEEE 802.3 clause 40.6.1.2.1
VSS
1
%
Note 7-7
Signal Scaling
IEEE 802.3 clause 40.6.1.2.1
VSC
2
%
Note 7-8
Output Droop
IEEE 802.3 clause 40.6.1.2.2
VOD
73.1
%
Note 7-7
Transmission Distortion
IEEE 802.3 clause 40.6.1.2.4
10
mV
Note 7-9
TABLE 7-6:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com