Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN7430/Y9X Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 10Page - Microchip Technology LAN7430/Y9X Datasheet HTML 11Page - Microchip Technology LAN7430/Y9X Datasheet HTML 12Page - Microchip Technology LAN7430/Y9X Datasheet HTML 13Page - Microchip Technology LAN7430/Y9X Datasheet HTML 14Page - Microchip Technology LAN7430/Y9X Datasheet HTML 15Page - Microchip Technology LAN7430/Y9X Datasheet HTML 16Page - Microchip Technology LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology LAN7430/Y9X Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 14
 2018-2019 Microchip Technology Inc.
3.2
LAN7431 Pin Assignments
The device pin diagram for the LAN7431 can be seen in Figure 3-2. Table 3-2 provides a LAN7431 pin assignments
table. Pin descriptions are provided in Section 3.3, "Pin Descriptions".
FIGURE 3-2:
LAN7431 PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
NOTE: Exposed pad (VSS) on bottom of package must be connected to ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
53
52
51
50
49
48
47
46
45
44
43
42
41
40
VDDVARIO_B
TXD3
TXD2
TXD1
VDDVARIO_B
TXD0
TX_CTL/TX_EN
TXC/TX_CLK
VDDVARIO_B
RXC/RX_CLK
AVDDL_1
GPIO8/TDI
RX_CTL/RX_DV
TX_ER/MII_EN
DUPLEX
15
16
17
18
39
38
37
RXD0
RXD1
54
RXD3
RXD2
PHY_RESET_N
PHY_INT_N
AVDDH_1
TEST
PCIE_CLK_M
VDD_REG_IN
VDD25_REG_OUT
VDDVARIO
RESET_N
VDD12CORE
GPIO9/TCK
VDDVARIO
GPIO7/TMS
VDD12_SW_FB
VDD_SW_IN
VDD12_SW_OUT
GPIO6/TDO
LAN7431
72- S QFN
(Connect exposed pad to ground with a via field )
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com