Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GL303 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC24FJ128GL303
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL303 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC24FJ128GL303 Datasheet HTML 39Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 40Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 41Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 42Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 43Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 44Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 45Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 46Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 424 page
background image
 2019-2020 Microchip Technology Inc.
DS30010198B-page 43
PIC24FJ128GL306 FAMILY
TABLE 4-7:
SFR MAP: 0500h BLOCK
Register
Address(1)
All Resets(2)
Register
Address(1)
All Resets(2)
DMA (Continued)
LCD (Continued)
DMAINT5
0500h
0000000000000--0
LCDSE2
058Ah
xxxxxxxxxxxxxxxx
DMASRC5
0502h
0000000000000000
LCDSE3
058Ch
xxxxxxxxxxxxxxxx
DMADST5
0504h
0000000000000000
LCDREG
058Eh
0-------------00
DMACNT5
0506h
0000000000000001
LCDACTRL
0590h
0000000000000000
LCD
LCDASTAT
0592h
0000000000000000
LCDCON
0540h
0000000000000000
LCDFC0
0594h
0000000000000001
LCDREF
0542h
0000000000000000
LCDFC1
0596h
0000000000000001
LCDPS
0544h
0000000000000000
LCDFC2
0598h
0000000000000001
LCDDATA0
0546h
xxxxxxxxxxxxxxxx
LCDTEVNT
059Ah
0000000000000001
LCDDATA1
0548h
xxxxxxxxxxxxxxxx
LCDSDATA0
059Ch
xxxxxxxxxxxxxxxx
LCDDATA2
054Ah
xxxxxxxxxxxxxxxx
LCDSDATA1
059Eh
xxxxxxxxxxxxxxxx
LCDDATA3
054Ch
xxxxxxxxxxxxxxxx
LCDSDATA2
05A0h
xxxxxxxxxxxxxxxx
LCDDATA4
054Eh
xxxxxxxxxxxxxxxx
LCDSDATA3
05A2h
xxxxxxxxxxxxxxxx
LCDDATA5
0550h
xxxxxxxxxxxxxxxx
LCDSDATA4
05A4h
xxxxxxxxxxxxxxxx
LCDDATA6
0552h
xxxxxxxxxxxxxxxx
LCDSDATA5
05A6h
xxxxxxxxxxxxxxxx
LCDDATA7
0554h
xxxxxxxxxxxxxxxx
LCDSDATA6
05A8h
xxxxxxxxxxxxxxxx
LCDDATA8
0556h
xxxxxxxxxxxxxxxx
LCDSDATA7
05AAh
xxxxxxxxxxxxxxxx
LCDDATA9
0558h
xxxxxxxxxxxxxxxx
LCDSDATA8
05ACh
xxxxxxxxxxxxxxxx
LCDDATA10
055Ah
xxxxxxxxxxxxxxxx
LCDSDATA9
05AEh
xxxxxxxxxxxxxxxx
LCDDATA11
055Ch
xxxxxxxxxxxxxxxx
LCDSDATA10
05B0h
xxxxxxxxxxxxxxxx
LCDDATA12
055Eh
xxxxxxxxxxxxxxxx
LCDSDATA11
05B2h
xxxxxxxxxxxxxxxx
LCDDATA13
0560h
xxxxxxxxxxxxxxxx
LCDSDATA12
05B4h
xxxxxxxxxxxxxxxx
LCDDATA14
0562h
xxxxxxxxxxxxxxxx
LCDSDATA13
05B6h
xxxxxxxxxxxxxxxx
LCDDATA15
0564h
xxxxxxxxxxxxxxxx
LCDSDATA14
05B8h
xxxxxxxxxxxxxxxx
LCDDATA16
0566h
xxxxxxxxxxxxxxxx
LCDSDATA15
05BAh
xxxxxxxxxxxxxxxx
LCDDATA17
0568h
xxxxxxxxxxxxxxxx
LCDSDATA16
05BCh
xxxxxxxxxxxxxxxx
LCDDATA18
056Ah
xxxxxxxxxxxxxxxx
LCDSDATA17
05BEh
xxxxxxxxxxxxxxxx
LCDDATA19
056Ch
xxxxxxxxxxxxxxxx
LCDSDATA18
05C0h
xxxxxxxxxxxxxxxx
LCDDATA20
056Eh
xxxxxxxxxxxxxxxx
LCDSDATA19
05C2h
xxxxxxxxxxxxxxxx
LCDDATA21
0570h
xxxxxxxxxxxxxxxx
LCDSDATA20
05C4h
xxxxxxxxxxxxxxxx
LCDDATA22
0572h
xxxxxxxxxxxxxxxx
LCDSDATA21
05C6h
xxxxxxxxxxxxxxxx
LCDDATA23
0574h
xxxxxxxxxxxxxxxx
LCDSDATA22
05C8h
xxxxxxxxxxxxxxxx
LCDDATA24
0576h
xxxxxxxxxxxxxxxx
LCDSDATA23
05CAh
xxxxxxxxxxxxxxxx
LCDDATA25
0578h
xxxxxxxxxxxxxxxx
LCDSDATA24
05CCh
xxxxxxxxxxxxxxxx
LCDDATA26
057Ah
xxxxxxxxxxxxxxxx
LCDSDATA25
05CEh
xxxxxxxxxxxxxxxx
LCDDATA27
057Ch
xxxxxxxxxxxxxxxx
LCDSDATA26
05D0h
xxxxxxxxxxxxxxxx
LCDDATA28
057Eh
xxxxxxxxxxxxxxxx
LCDSDATA27
05D2h
xxxxxxxxxxxxxxxx
LCDDATA29
0580h
xxxxxxxxxxxxxxxx
LCDSDATA28
05D4h
xxxxxxxxxxxxxxxx
LCDDATA30
0582h
xxxxxxxxxxxxxxxx
LCDSDATA29
05D6h
xxxxxxxxxxxxxxxx
LCDDATA31
0584h
xxxxxxxxxxxxxxxx
LCDSDATA30
05D8h
xxxxxxxxxxxxxxxx
LCDSE0
0586h
xxxxxxxxxxxxxxxx
LCDSDATA31
05DAh
xxxxxxxxxxxxxxxx
LCDSE1
0588h
xxxxxxxxxxxxxxxx
Legend: x = unknown or indeterminate value; - = unimplemented bits.
Note 1: Address values are in hexadecimal.
2: Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com