Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GL303 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24FJ128GL303
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL303 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24FJ128GL303 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 424 page
background image
 2019-2020 Microchip Technology Inc.
DS30010198B-page 1
PIC24FJ128GL306 FAMILY
High-Performance CPU
• Modified Harvard Architecture
• 128 Kbytes Flash Memory
• 8 Kbytes SRAM
• Up to 16 MIPS Operation @ 32 MHz
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
• Two Address Generation Units (AGUs) for Separate
Read and Write Addressing of Data Memory
LCD Display Controller
• 32x8 with Up to 256 Pixels
• LCD Charge Pump
• Core-Independent LCD Animation
• Operation in Sleep mode
Analog Features
• Up to 17-Channel, Software-Selectable, 10/12-Bit
Analog-to-Digital Converter:
- 12-bit, 350K samples/second conversion rate
(single Sample-and-Hold)
- 10-bit, 400K samples/second conversion rate
(single Sample-and-Hold)
- Sleep mode operation
- Low-voltage boost for input
- Band gap reference input feature
- Core-independent windowed threshold
compare feature
- Auto-scan feature
• Three Analog Comparators with Input Multiplexing:
- Programmable reference voltage for comparators
eXtreme Low-Power Features
• Sleep and Idle modes Selectively Shut Down
Peripherals and/or Core for Substantial Power
Reduction and Fast Wake-up
• Doze mode Allows CPU to Run at a Lower Clock
Speed than Peripherals
• Alternate Clock modes Allow On-the-Fly
Switching to a Lower Clock Speed for Selective
Power Reduction
• Retention Sleep with On-Chip Ultra Low-Power
Retention Regulator
Functional Safety and Security Peripherals
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• Power-on Reset (POR), Brown-out Reset (BOR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Programmable High/Low-Voltage Detect (HLVD)
• Flexible Watchdog Timer (WDT) with
RC Oscillator for Reliable Operation
• Deadman Timer (DMT) for Monitoring Health
of Software
• Programmable 32-Bit Cyclic Redundancy Check
(CRC) Generator
• Flash OTP by ICSP™ Write Inhibit
• CodeGuard™ Security
• ECC Flash Memory (128 Kbytes) with Fault
Injection:
- Single Error Correction (SEC)
- Double Error Detection (DED)
• Customer OTP Memory
• Unique Device Identifier (UDID)
Special Microcontroller Features
• Supply Voltage Range of 2.0V to 3.6V
• Operating Ambient Temperature Range of
-40°C to +125°C
• On-Chip Voltage Regulators (1.8V) for
Low-Power Operation
• Flash Memory:
- 10,000 erase/write cycle endurance, typical
- Data retention: 20 years minimum
- Self-programmable under software control
- Flash OTP emulation
• 8 MHz Fast RC Internal Oscillator:
- Multiple clock divide options
- Fast start-up
•96 MHz PLL Option
• Programmable Reference Clock Output
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via Two Pins
• JTAG Boundary Scan Support
16-Bit eXtreme Low-Power Microcontrollers with
LCD Controller in Low Pin Count Packages


Similar Part No. - PIC24FJ128GL303

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GL405 MICROCHIP-PIC24FJ128GL405 Datasheet
10Mb / 1311P
16-Bit eXtreme Low-Power Microcontrollers with LCD Controller and USB
2019-2021
PIC24FJ128GL406 MICROCHIP-PIC24FJ128GL406 Datasheet
10Mb / 1311P
16-Bit eXtreme Low-Power Microcontrollers with LCD Controller and USB
2019-2021
PIC24FJ128GL408 MICROCHIP-PIC24FJ128GL408 Datasheet
10Mb / 1311P
16-Bit eXtreme Low-Power Microcontrollers with LCD Controller and USB
2019-2021
PIC24FJ128GL410 MICROCHIP-PIC24FJ128GL410 Datasheet
10Mb / 1311P
16-Bit eXtreme Low-Power Microcontrollers with LCD Controller and USB
2019-2021
More results

Similar Description - PIC24FJ128GL303

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC24FJ512GU410 MICROCHIP-PIC24FJ512GU410 Datasheet
10Mb / 1311P
16-Bit eXtreme Low-Power Microcontrollers with LCD Controller and USB
2019-2021
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC24FJ256GA705 MICROCHIP-PIC24FJ256GA705 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com