Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-UTF2-0E20B Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ASMB-UTF2-0E20B
Description  2828 Tricolor PLCC-6 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMB-UTF2-0E20B Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ASMB-UTF2-0E20B Datasheet HTML 4Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 5Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 6Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 7Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 8Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 9Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 10Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 11Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 12Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ASMB-UTF2-0E20B Data Sheet
2828 Tricolor PLCC-6 LED
Broadcom
ASMB-UTF2-0E20B-DS101
9
Precautionary Notes
Soldering
Do not perform reflow soldering more than twice.
Observe necessary precautions of handling moisture-
sensitive devices as stated in the following section.
Do not apply any pressure or force on the LED during
reflow and after reflow when the LED is still hot.
Use reflow soldering to solder the LED. Use hand
soldering only for rework if unavoidable, but it must be
strictly controlled to following conditions:
– Soldering iron tip temperature = 315°C maximum
– Soldering duration = 3s maximum
– Number of cycles = 1 only
– Power of soldering iron = 50W maximum
Do not touch the LED package body with the soldering
iron except for the soldering terminals, because it may
cause damage to the LED.
Confirm beforehand whether the functionality and
performance of the LED is affected by soldering with
hand soldering.
Figure 15: Recommended Lead-Free Reflow Soldering Profile
Figure 16: Recommended Board Reflow Direction
Handling Precautions
Special handling precautions must be observed during
assembly of epoxy encapsulated LED products. Failure to
comply might lead to damage and premature failure of the
LED.
Do not stack assembled PCBs together. Use an
appropriate rack to hold the PCBs.
For automated pick-and-place, Broadcom has tested a
nozzle size with OD 1.5 mm to work with this LED.
However, due to the possibility of variations in other
parameters, such as pick-and-place machine maker/
model, and other settings of the machine, verify that the
selected nozzle will not cause damage to the LED.
Handling of Moisture-Sensitive Devices
This product has a Moisture Sensitive Level 5a rating per
JEDEC J-STD-020. Refer to Broadcom Application Note
AN5305, Handling of Moisture Sensitive Surface Mount
Devices
for additional details and a review of proper
handling procedures.
Before use:
– An unopened moisture barrier bag (MBB) can be
stored at <40°C/90% RH for 12 months. If the actual
shelf life has exceeded 12 months and the humidity
indicator card (HIC) indicates that baking is not
required, it is safe to reflow the LEDs per the original
MSL rating.
– Do not open the MBB prior to assembly (for
example, for IQC). If unavoidable, the MBB must be
properly resealed with fresh desiccant and HIC. The
exposed duration must be taken in as floor life.
Control after opening the MBB:
– Read the HIC immediately upon opening of MBB.
– Keep the LEDs at <30°C/60% RH at all times, and
complete all high temperature-related processes,
including soldering, curing, or rework within 24 hours.
Control for unfinished reel:
Store unused LEDs in a sealed MBB with desiccant or a
desiccator at <5% RH.
Control of assembled boards:
If the PCB soldered with the LEDs is to be subjected to
other high-temperature processes, store the PCB in a
sealed MBB with desiccant or desiccator at <5% RH to
ensure that all LEDs have not exceeded their floor life of
24 hours.
10 to 30 SEC.
6°C/SEC. MAX.
255 – 260°C
3°C/SEC. MAX.
217°C
200°C
150°C
3°C/SEC. MAX.
60 – 120 SEC.
100 SEC. MAX.
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com