Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-UTF2-0E20B Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # ASMB-UTF2-0E20B
Description  2828 Tricolor PLCC-6 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMB-UTF2-0E20B Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ASMB-UTF2-0E20B Datasheet HTML 4Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 5Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 6Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 7Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 8Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 9Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 10Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 11Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 12Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ASMB-UTF2-0E20B Data Sheet
2828 Tricolor PLCC-6 LED
Broadcom
ASMB-UTF2-0E20B-DS101
10
Baking is required if:
– The HIC indicator indicates a change in color for
10% and 5%, as stated on the HIC.
– The LEDs are exposed to conditions of >30°C/60%
RH at any time.
– The LED's floor life exceeded 24 hours.
The recommended baking condition is: 65°C ±5ºC for
24 hours.
Baking can only be done once.
Storage:
The soldering terminals of these Broadcom LEDs are
silver plated. If the LEDs are exposed in ambient
environments for too long, the silver plating might be
oxidized, thus affecting its solderability performance. As
such, keep unused LEDs in a sealed MBB with
desiccant or in a desiccator at <5% RH.
Application Precautions
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated
in the data sheet. Constant current driving is
recommended to ensure consistent performance.
Circuit design must cater to the whole range of forward
voltage (VF) of the LEDs to ensure the intended drive
current can always be achieved.
The LED exhibits slightly different characteristics at
different drive currents, which may result in a larger
variation of performance (meaning: intensity,
wavelength, and forward voltage). Set the application
current as close as possible to the test current to
minimize these variations.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When
driving the LED in matrix form, ensure that the reverse
bias voltage does not exceed the allowable limit of the
LED.
As actual application might not be exactly similar to the
test conditions, do verify that the LED will not be
damaged by prolonged exposure in the intended
environment.
Avoid rapid changes in ambient temperature, especially
in high-humidity environments, because they cause
condensation on the LED.
If the LED is intended to be used in harsh or outdoor
environments, protect the LED against damages
caused by rain water, water, dust, oil, corrosive gases,
external mechanical stresses, and so on.
Thermal Management
The optical, electrical, and reliability characteristics of the
LED are affected by temperature. Keep the junction
temperature (TJ) of the LED below the allowable limit at all
times. TJ can be calculated as follows:
TJ = TA + RθJ-A × IF × VFmax
where:
TA = ambient temperature (°C)
RθJ-A = thermal resistance from LED junction to ambient
(°C/W)
IF = forward current (A)
VFmax = maximum forward voltage (V)
The complication of using this formula lies in TA and RθJ-A.
Actual TA is sometimes subjective and hard to determine.
RθJ-A varies from system to system depending on design
and is usually not known.
Another way of calculating TJ is by using the solder point
temperature, TS as follows:
TJ = TS + RθJ-S × IF × VFmax
where:
TS = LED solder point temperature as shown in the
following figure (°C)
RθJ-S = thermal resistance from junction to solder point
(°C/W)
IF = forward current (A)
VFmax = maximum forward voltage (V)
Figure 17: Solder Point Temperature on PCB
TS can be easily measured by mounting a thermocouple on
the solder joint as shown in preceding figure, while RθJ-S is
provided in the data sheet. Verify the TS of the LED in the
final product to ensure that the LEDs are operating within all
maximum ratings stated in the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com