Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-UTF2-0E20B Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ASMB-UTF2-0E20B
Description  2828 Tricolor PLCC-6 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMB-UTF2-0E20B Datasheet(HTML) 2 Page - Broadcom Corporation.

  ASMB-UTF2-0E20B Datasheet HTML 1Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 2Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 3Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 4Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 5Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 6Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 7Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 8Page - Broadcom Corporation. ASMB-UTF2-0E20B Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Broadcom
ASMB-UTF2-0E20B-DS101
2
ASMB-UTF2-0E20B Data Sheet
2828 Tricolor PLCC-6 LED
Figure 1: Package Drawing
NOTE:
1. Tolerance is ±0.20 mm unless otherwise specified.
2. Encapsulation = epoxy.
3. Terminal finish = silver plating.
Table 1: Pin Configuration
Pin No.
Configuration
1
Red Anode
2
Red Cathode
3
Green Anode
4
Green Cathode
5
Blue Anode
6
Blue Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com