Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7004CHIP-SX Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7004CHIP-SX
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIP-SX Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7004CHIP-SX Datasheet HTML 12Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 13Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 14Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 15Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 16Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 17Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 18Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 19Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADPA7004CHIPS
Rev. 0 | Page 19 of 20
MOUNTING AND BONDING TECHNIQUES FOR
MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane with high thermal
conductivity epoxy (see the Handling Precautions section, the
Mounting section, and the Wire Bonding section).
Microstrip, 50 Ω transmission lines on 0.127 mm (5 mil) thick
alumina, thin film substrates are recommended for bringing
the RF to and from the chip. Raise the die 0.076 mm (3 mil) to
ensure that the surface of the die is coplanar with the surface of
the substrate.
Place microstrip substrates as close to the die as possible to
minimize ribbon bond length. Typical die to substrate spacing
is 0.076 mm (3 mil). To ensure wideband matching, a 15 fF
capacitive stub is recommended on the transmission line before
the ribbon bond.
MMIC
3mil GOLD
RIBBON
3mil GA
RFIN
MATCHING STUB/BOND PAD
SHUNT CAPACITANCE = 15fF
50Ω
TRANSMISSION LINE
Figure 49. High Frequency Input Matching
MMIC
3mil GOLD
RIBBON
3mil GA
RFOUT
MATCHING STUB/BOND PAD
SHUNT CAPACITANCE = 15fF
50Ω
TRANSMISSION LINE
Figure 50. High Frequency Output Matching
Handling Precautions
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
•
Place all bare die in either waffle-based or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
•
Handle the chip in a clean environment. Do not attempt to
clean the chip using liquid cleaning systems.
•
Follow ESD precautions to protect against ESD strikes.
•
While bias is applied, suppress instrument and bias supply
transients. Use shielded signal and bias cables to minimize
inductive pickup.
•
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The surface of the chip has
fragile air bridges and must not be touched with vacuum
collet, tweezers, or fingers.
Mounting
Before epoxy die is attached, apply a minimum amount of
epoxy to the mounting surface so that a thin epoxy fillet is
observed around the perimeter of the chip after it is placed into
position. Cure the epoxy per the schedule of the manufacturer.
Wire Bonding
RF bonds made with 0.003 in. × 0.0005 in. gold ribbon are
recommended for the RF ports. These bonds must be
thermosonically bonded with a force of 40 g to 60 g. DC bonds
of 0.001 in. (0.025 mm) diameter, thermosonically bonded, are
recommended. Create ball bonds with a force of 40 g to 50 g
and wedge bonds with a force of 18 g to 22 g. Create all bonds
with a nominal stage temperature of 150°C. Apply a minimum
amount of ultrasonic energy to achieve reliable bonds. Keep all
bonds as short as possible, less than 12 mil (0.31 mm).
Alternatively, short (≤3 mil) RF bonds made with two 1 mil
wires can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com