Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7004CHIP-SX Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7004CHIP-SX
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIP-SX Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7004CHIP-SX Datasheet HTML 12Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 13Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 14Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 15Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 16Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 17Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 18Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 19Page - Analog Devices ADPA7004CHIP-SX Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADPA7004CHIPS
Data Sheet
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
3.320
1.922
1.922
0.938
0.938
2.940
TOP VIEW
(CIRCUIT SIDE)
0.130
0.284
0.20
0.130
0.100
0.255
0.165
0.015
0.81
0.075
0.05
SIDE VIEW
0.130
0.130
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.048 × 0.083
(Pads 1 and 8)
0.076 × 0.076
(Pads 2-7 and 9-16)
Figure 51. 16-Pad Bare Die [CHIP]
(C-16-4)
Dimensions shown in millimeter
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADPA7004CHIPS
−55°C to +85°C
16-Pad Bare Die [CHIP]
C-16-4
ADPA7004CHIP-SX
−55°C to +85°C
16-Pad Bare Die [CHIP]
C-16-4
1 ADPA7004CHIPS and ADPA7004CHIP-SX are RoHS compliant parts.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23893-1/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com