Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADIS2Z Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADIS2Z
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADIS2Z Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADIS2Z Datasheet HTML 1Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 2Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 3Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 4Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 5Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 6Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 7Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 8Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 4 of 23
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS4
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Logic 1 Input Current, IIH
VIH = 3.3 V
±0.2
±10
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
40
60
µA
RST Pin
1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS4
Output High Voltage, VOH
Source current (ISOURCE) = 1.6 mA
2.4
V
Output Low Voltage, VOL
Sink current (ISINK) = 1.6 mA
0.4
V
FLASH MEMORY
Endurance5
10,000
Cycles
Data Retention6
TJ = 85°C
20
Years
FUNCTIONAL TIMES7
Time until new data is available
Power-On Start-Up Time
205
ms
Reset Recovery Time8
90
ms
Flash Memory Back-Up Time
75
ms
Flash Memory Test Time
20
ms
Automatic Self-Test Time
SMPL_PRD = 0x0001
45
ms
CONVERSION RATE
xGYRO_OUT and xACCL_OUT
SMPL_PRD = 0x0001
819.2
SPS
Clock Accuracy
±3
%
Optional External Sync Input Clock9
0.8
1.1
kHz
POWER SUPPLY VOLTAGE RANGE
VDD
3.15
3.3
3.45
V
Power Supply Current
76
104
mA
1
The repeatability specifications represent analytical projections, which are based off of the following drift contributions and conditions: temperature hysteresis (−40°C
to +85°C), electronics drift (high temperature operating life test: 85°C, 500 hours), drift from temperature cycling (JESD22, Method A104-C, Method N, 500 cycles,
−40°C to +85°C), rate random walk (10 year projection), and broadband noise.
2
Bias repeatability describes a long-term behavior, over a variety of conditions. Short-term repeatability is related to the in-run bias stability and noise density
specifications.
3
X-ray exposure may degrade this performance metric.
4
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
5
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
6
The data retention lifetime equivalent is at TJ of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction temperature.
7
These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.
8
The RST line must be held low for at least 10 µs to assure a proper reset and recovery sequence.
9
The sync input clock functions below the specified minimum value but at reduced performance levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com