Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADIS2Z Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADIS2Z
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADIS2Z Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADIS2Z Datasheet HTML 15Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 16Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 17Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 18Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 19Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 20Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 21Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 22Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 21 of 23
APPLICATIONS INFORMATION
MOUNTING TIPS
The mounting and installation process can influence gyroscope
bias repeatability and other key parametric behaviors. To
preserve the best performance, use the following guidelines
when developing an attachment approach for the ADIS16446:
•
Focus mounting force at the machine screw locations.
•
Avoid direct force application on the substrate.
•
Avoid placing mounting pressure on the package lid,
except for the edges that border the exposed side of the
substrate.
•
Use a consistent mounting torque of 28 inch ounces on the
mounting hardware.
•
Avoid placing translational forces on the electrical
connector.
For additional mounting ideas and tips, refer to the AN-1305
Application Note.
POWER SUPPLY CONSIDERATIONS
The power supply must be within 3.15 V and 3.45 V for normal
operation and optimal performance. During start up, the internal
power conversion system starts drawing current when VDD
reaches 1.6 V. The internal processor begins initializing when
VDD is equal to 2.35 V. After the processor starts, VDD must
reach 2.7 V within 128 ms. Also, make sure that the power
supply drops below 1.6 V to shut the device down. Using an
optional 10 µF external capacitor between VDD and GND is
recommended for the filtering of power supply noise.
EVALUATION TOOLS
Breakout Board, ADIS16IMU2/PCBZ
The ADIS1644X/FLEX and ADIS16IMU2/PCBZ accessories
(sold separately) provide access to the ADIS16446 through larger
connectors that support standard 1 mm ribbon cabling and a
simplified method for connecting to an embedded processor
platform. These accessories also provide an easy way to connect
the ADIS16446 to either the EVAL-ADIS-FX3 or to the older
EVAL-ADIS2 evaluation system. Figure 23 provides a mechanical
design example for using these two components with the
ADIS16446 IMU in a system.
Figure 22 provides the pin assignments for J1 on the
ADIS16IMU2/PCBZ breakout board.
1
RST
2
SCLK
3
CS
4
DOUT
5
DNC
6
DIN
7
GND
8
GND
9
GND
10
VDD
11
VDD
12
VDD
13
DIO1
14
DIO2
15
DIO3
16
DIO4/CLKIN
J1
Figure 22. J1Pin Assignments for the ADIS16IMU2/PCBZ
The C1 and C2 locations on the ADIS16IMU2/PCBZ provide
users with the pads to install 10 µF of capacitance across VDD
and GND, which Figure 9 recommends for best performance.
ADIS16446BMLZ
ADIS16IMU2/PCBZ
(INTERFACE BOARD)
33.40mm
23.75mm
20.15mm
30.10mm
10.07mm
15.05mm
J1
J2
1
15
16
2
23
1
2
24
NOTES
1. USE FOUR M2 MACHINE SCREWS TO ATTACH THE ADIS16446.
2. USE FOUR M3 MACHINE SCREWS TO ATTACH THE INTERFACE PCB.
3. EITHER A SAMTEC FFSD-08-D-12.00-01-N OR FFSD-08-D-24.00-01-N CABLE ASSEMBLY CAN
BE USED TO CONNECT THE ADIS16IMU2 TO THE EVAL-ADIS2Z EVALUATION BOARD.
ADIS1644X/FLEX
(FLEXIBILE CONNECTOR/CABLE)
15mm TO
45mm
Figure 23. Physical Diagram for ADIS16446 Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com