Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADIS2Z Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADIS2Z
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADIS2Z Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADIS2Z Datasheet HTML 9Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 10Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 11Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 12Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 13Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 14Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 15Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 16Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 13 of 23
INTERNAL TEMPERATURE
The internal temperature measurement data loads into the
TEMP_OUT register (see Table 17). Table 18 illustrates the
temperature data format. Note that this temperature represents
an internal temperature reading and does not precisely represent
external conditions. The intended use of TEMP_OUT is to
monitor relative changes in temperature.
Table 17. TEMP_OUT (Base Address = 0x18), Read Only
Bits
Description
[15:12]
Not used
[11:0]
Twos complement, 0.07386°C/LSB, 31°C = 0x000
Table 18. Temperature, Twos Complement Format
Temperature (°C)
Decimal
Hex
Binary
+105
+1002
3EA
0011 1110 1010
+85
+731
2DB
0010 1101 1011
+31.14772
+2
2
0000 0000 0010
+31.07386
+1
0
0000 0000 0001
+31
0
0
0000 0000 0000
+30.92614
−1
FFF
1111 1111 1111
+30.85228
−2
FFE
1111 1111 1110
−40
−962
C3E
1100 0011 1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com