Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 32 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 32 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 28Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 29Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 30Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 31Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 32Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 33Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 34Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 35Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 36Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 32 of 288
Rev 2.02
3.3 M031/M032 Series Feature Comparison Table
Section
Sub-section
-
M031xB/C/D/E M031xG/I
M032xC/D
M032xE
M032xG/I
System Manager
6.3.6 SRAM Memory Organization
●
●
-
6.3.7 SRAM Memory Organization with parity function
-
-
●
FMC
6.4.4.3 Physical and Virtual Address Concept
-
-
●
6.4.4.4 APROM Reboot Address Operation Model
Selection
-
-
-
/●
6.4.4.14 Cache Memory Controller
-
-
●
6.4.4.15 Embedded Flash Memory Programming
64-bit Programming and Multi-word Programming
-
-
●
6.4.4.17 Flash All-One Verification
-
-
●
ISP Control Register (FMC_ISPCTL)
INTEN (FMC_ISPCTL[24])
-
●
ADC
6.25.5.11 PWM trigger
-
●
●
6.25.5.12 BPWM trigger
●
-
●
6.25.5.17 Floating Detect Function
●
-
●
I
2C
6.16.5.2 Operation Modes
- Bus Management (SMBus/PMBus Compatiable)
- Device Identification
– Slave Address
- Bus Protocols
- Address Resolution Protocol (ARP)
- Received Command and Data acknowledge control
- Host Notify Protocol
- Bus Management Alert
- Packet Error Checking
- Time-out
- Bus Management Time-out:
- Bus Clock Low Time-out:
- Bus Idle Detection
-
-
●
ACMP
6.26.5.7 Calibration function
-
-/-/-
/●
●
EBI
6.21.5.3 EBI Data Width Connection - Address Bus
and Data Bus Separate Mode
-
-
●
6.21.5.4 EBI Operating Control - Continuous Data
Access Mode
-
-
●
USBD
6.22.7 Register Description
USB Configuration Register (USB_CFGx)
DSQSYNC OUT Token Transaction
●
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com