Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 12 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 12 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 8Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 9Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 10Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 11Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 12 of 288
Rev 2.02
Table 8.3-12 nRESET Input Characteristics ................................................................................ 247
Table 8.4-1 48 MHz Internal High Speed RC Oscillator(HIRC) Characteristics .......................... 248
Table 8.4-2 38.4 kHz Internal Low Speed RC Oscillator(LIRC) characteristics .......................... 251
Table 8.4-3 External 4~32 MHz High Speed Crystal (HXT) Oscillator ........................................ 254
Table 8.4-4 External 4~32 MHz High Speed Crystal Characteristics .......................................... 255
Table 8.4-5 External 4~32 MHz High Speed Clock Input Signal ................................................. 256
Table 8.4-6 External 32.768 kHz Low Speed Crystal (LXT) Oscillator ........................................ 257
Table 8.4-7 External 32.768 kHz Low Speed Crystal Characteristics ......................................... 257
Table 8.4-8 External 32.768 kHz Low Speed Clock Input Signal ................................................ 258
Table 8.4-9 PLL Characteristics................................................................................................... 259
Table 8.4-10 I/O AC Characteristics ............................................................................................ 260
Table 8.5-1 Reset and Power Control Unit .................................................................................. 261
Table 8.5-2 ACMP Characteristics............................................................................................... 266
Table 8.6-1 QSPI/SPI Master Mode Characteristics.................................................................... 267
Table 8.6-2 QSPI/SPI Slave Mode Characteristics...................................................................... 268
Table 8.6-3 I
2S Characteristics .................................................................................................... 270
Table 8.6-4 I
2C Characteristics .................................................................................................... 272
Table 8.6-5 USCI-SPI Master Mode Characteristics ................................................................... 273
Table 8.6-6 USCI-SPI Slave Mode Characteristics ..................................................................... 274
Table 8.6-7 USCI-I
2C Characteristics .......................................................................................... 276
Table 8.6-8 USB Full-Speed Characteristics ............................................................................... 277
Table 8.6-9 USB Full-Speed PHY Characteristics....................................................................... 277
Table 10.1-1 List of Abbreviations................................................................................................ 286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com