Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD3AE Datasheet(PDF) 18 Page - Nuvoton Technology Corporation

Part # M032FD3AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE Datasheet(HTML) 18 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 21Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 22Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 18 of 288
Rev 2.02
is stopped.
16-byte FIFOs with programmable level trigger
Auto flow control (nCTS and nRTS)
Supports IrDA (SIR) function
Supports RS-485 9-bit mode and direction control
Supports nCTS, incoming data, Received Data FIFO reached
threshold and RS-485 Address Match (AAD mode) wake-up
function in idle mode.
Supports hardware or software enables to program nRTS pin to
control RS-485 transmission direction
Supports wake-up function
8-bit receiver FIFO time-out detection function
Supports break error, frame error, parity error and receive/transmit
FIFO overflow detection function
PDMA operation.
Supports Single-wire function mode.
I
2C
Three sets of I
2C devices with Master/Slave mode.
Supports Standard mode (100 kbps), Fast mode (400 kbps), Fast
mode plus (1 Mbps)
Supports 7 bits mode
Programmable clocks allowing for versatile rate control
Supports multiple address recognition (four slave address with
mask option)
Supports multi-address power-down wake-up function
PDMA operation
I
2C Port0 supports SMBus and PMBus
Quad SPI
SPI Quad controller with Master/Slave mode.
Up to 24 MHz in Master mode and up to 16 MHz in Slave mode at
1.8V~3.6V system voltage.
Supports Dual and Quad I/O Transfer mode.
Supports one data channel half-duplex transfer.
Supports receive-only mode.
Configurable bit length of a transfer word from 8 to 32-bit.
Provides separate 8-level depth transmit and receive FIFO buffers.
Supports MSB first or LSB first transfer sequence.
Supports the byte reorder function.
Supports Byte or Word Suspend mode.
Supports 3-wired, no slave select signal, bi-direction interface.
PDMA operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com