Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8964AFR1 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXLS8964AFR1
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AFR1 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXLS8964AFR1 Datasheet HTML 27Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 28Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 29Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 30Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 31Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 32Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 33Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 34Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
31 / 98
TFLT-MOT_DET
Figure 21. BOOT2 sequence and One-wire motion-detection protocol diagram (BT_MODE = VDD)
Table 16. BOOT2 sequence and One-wire motion protocol phase descriptions
Protocol phase
Description
1
VDD supply is not present (VDD < VDDmin); MCU and FXLS8964AF are both OFF; all IO pins
are floating/high-z.
2
VDD ≥ VDDmin; MCU and FXLS8964AF are turned on; FXLS8964AF performs the BOOT
sequence. During this phase, the MOT_DET input and BOOT_OUT open-drain output
functions are enabled. FXLS8964AF turns on the BOOT_OUT output for TPULSE-BOOT2 ms.
Note that the BOOT_OUT pulse will not be observable in the wired-AND configuration as it is
assumed the host MCU has not yet enabled the pull-up resistor on the MOT_DET and BOOT_
OUT pins (one pull-up resistor for both pins).
3
FXLS8964AF enters Hibernate mode directly after the BOOT sequence if the MCU has not
yet asserted the MOT_DET pin. During this phase, FXLS8964AF MOT_DET pin input function
remains enabled, waiting for the MOT_DET pin to go high, which will trigger an exit from this
mode.
4
The MCU asserts the MOT_DET pin high by enabling the pull-up; FXLS8964AF exits
Hibernate mode and performs the BOOT sequence. Anytime within TPULSE-WIN ms after the
BOOT_OUT pulse rising edge (measured from the VOL point), the host MCU may pulse the
MOT_DET line low to signal the desired motion detection threshold selection. If no pulse is
seen within this window, the default TPULSE-THRES0 threshold value is used. The available
pulse selections are shown in Table 17. The pulse is only recognized if it begins and ends
within the TPULSE-WIN ms period after the BOOT_OUT pulse rising edge, and also conforms to
the min and max values as shown in Table 17. If an invalid pulse width is observed, it will be
ignored and the default threshold value used instead.
5
Motion detection phase: FXLS8964AF continually scans for motion at the preconfigured ODR.
If the motion threshold and debounce criteria are met, a TPULSE-MOT ms pulse is signaled on
the MOT_DET pin (Open-Drain output is turned on). During this phase, the host may also
communicate with FXLS8964AF over the I2C or SPI interfaces.
6
Hibernate mode: When motion detection is no longer needed, the host MCU drives MOT_DET
low forcing FXLS8964AF into Hibernate mode to conserve power. FXLS8964AF delays the
entry into Hibernate mode for TMOT-HIB ms after the MOT_DET pin is brought low to debounce
the line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com