Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8964AFR1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FXLS8964AFR1
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AFR1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FXLS8964AFR1 Datasheet HTML 29Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 30Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 31Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 32Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 33Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 34Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 35Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 36Page - NXP Semiconductors FXLS8964AFR1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
33 / 98
13 Register descriptions
Table 19. Register address map
Auto-increment Address
Name
Type
Register
Address
F_READ = 0
F_READ = 1
Default
Values
BT_MODE =
GND/[VDD]
Comment
INT_STATUS [1] [2]
R
00h
01h/02h/04h/06h/
08h/0Ch/0Eh/10h
01h
Interrupt and system status event flags.
TEMP_OUT [1]
R
01h
02h/04h/06h/08h/ 0Ch/0Eh/10h
—
Temperature output data – temp_out[7:0].
When
SENS_CONFIG2[AINC_TEMP] = 0 this
register is skipped over by the auto-increment
mechanism.
VECM_LSB [1] [3]
R
02h
03h
04h/06h/08h/
0Ch/0Eh/10h
—
12-bit unsigned vector magnitude LSB/
MSB: vecm[7:0] (LSB) when
SENS_
CONFIG2[LE_BE] = 0, and vecm[11:4]
(MSB) when
SENS_CONFIG2[LE_BE]
= 1. This register is skipped over by the
auto-increment mechanism when
SENS_
CONFIG5[VECM_EN] = 0.
VECM_MSB [1] [3]
R
03h
04h/06h/08h/0Ch/0Eh/10h
—
12-bit unsigned vector magnitude MSB/
LSB: vecm[11:8] (MSB) when
SENS_
CONFIG2[LE_BE] = 0, and vecm[3:0]
(LSB) when
SENS_CONFIG2[LE_BE]
= 1. This register is skipped over by the
auto-increment mechanism when
SENS_
CONFIG5[VECM_EN] = 0.
OUT_X_LSB [1] [3]
R
04h
05h
06h/08h/00h
—
LSB/MSB of current 12-bit X-axis
accelerometer output data – x_data_out[7:0]
when
SENS_CONFIG2[LE_BE] = 0
and x_data_out[11:4] when
SENS_
CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[X_DIS] = 1, this register is skipped
over by the auto-increment mechanism.
OUT_X_MSB [1] [3]
R
05h
06h/08h/00h
—
MSB/LSB of current 12-bit X-axis
accelerometer output data – x_data_out[11:8]
when
SENS_CONFIG2[LE_BE] = 0
and x_data_out[3:0] when
SENS_
CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[X_DIS] = 1, this register is skipped
over by the auto-increment mechanism.
OUT_Y_LSB [1] [3]
R
06h
07h
08h/00h
—
LSB/MSB of current 12-bit Y-axis
accelerometer output data – y_data_out[7:0]
when
SENS_CONFIG2[LE_BE] = 0
and y_data_out[11:4] when
SENS_
CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Y_DIS] = 1, this register is skipped
over by the auto-increment mechanism.
OUT_Y_MSB [1] [3]
R
07h
08h/00h
—
MSB/LSB of current 12-bit Y-axis
accelerometer output data – y_data_out[11:8]
when
SENS_CONFIG2[LE_BE] = 0
and y_data_out[3:0] when
SENS_
CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Y_DIS] = 1, this register is skipped
over by the auto-increment mechanism.
OUT_Z_LSB [1] [3]
R
08h
09h
00h
—
LSB/MSB of current 12-bit Z-axis
accelerometer output data – z_data_out[7:0]
when
SENS_CONFIG5[LE_BE] = 0
and z_data_out[11:4] when
SENS_
CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Z_DIS] = 1, this register is skipped
over by the auto-increment mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com