Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCH038FN103CK Datasheet(PDF) 11 Page - Rohm

Part # MCH038FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH038FN103CK Datasheet(HTML) 11 Page - Rohm

Back Button MCH038FN103CK Datasheet HTML 5Page - Rohm MCH038FN103CK Datasheet HTML 6Page - Rohm MCH038FN103CK Datasheet HTML 7Page - Rohm MCH038FN103CK Datasheet HTML 8Page - Rohm MCH038FN103CK Datasheet HTML 9Page - Rohm MCH038FN103CK Datasheet HTML 10Page - Rohm MCH038FN103CK Datasheet HTML 11Page - Rohm MCH038FN103CK Datasheet HTML 12Page - Rohm MCH038FN103CK Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
11/12
Packing method
1)
φ180mm Reel
(R-26)
(interior box of R-26)
C
B
A
A'
B'
C'
1
2
[width of 9mm : 5reel]
EIAJ cole
Label
(reel)
Packing slip
< Packaging unit >
< Appearance >
Symbol
K
Quantity of reel in
interior box
5
Quantity of reel in
box of R-26
20
Packaging
Dimensions
R-26
interior box of R-26
A (A’)
195
185
B (B’)
255
60
C (C’)
190
185
(Unit : mm)
Carton
< Accumulation >
You must do accumulation by ten boxes
< Packaging slip >
1. Customer
2. Parts number
3. Quantity
4. Box quantity
5. Trade mark
Weight / Piece
Size
0603 (0201)
Item
MCH03
Characteristic
A, AN
CN
FN
Weight / Piece
0.3
0.3
0.3
Thickness
0.3mm
(Unit : mg)
(Note) The measured values in the table are for reference only.
Actual weight of these chips may very slightly lot by lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com