Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCH038FN103CK Datasheet(PDF) 12 Page - Rohm

Part # MCH038FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH038FN103CK Datasheet(HTML) 12 Page - Rohm

Back Button MCH038FN103CK Datasheet HTML 5Page - Rohm MCH038FN103CK Datasheet HTML 6Page - Rohm MCH038FN103CK Datasheet HTML 7Page - Rohm MCH038FN103CK Datasheet HTML 8Page - Rohm MCH038FN103CK Datasheet HTML 9Page - Rohm MCH038FN103CK Datasheet HTML 10Page - Rohm MCH038FN103CK Datasheet HTML 11Page - Rohm MCH038FN103CK Datasheet HTML 12Page - Rohm MCH038FN103CK Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
12/12
Electrical characteristics
gA (C0G) Characteristics
−5
−4
−3
−2
−1
0
1
2
3
4
5
100
50
0
−50
TEMPERATURE (
°C)
Fig.1 Capacitance-temperature
characteristics
Fig.2 Impedance-frequency
characteristics
1000000
100000
10000
1000
100
10
1
0.1
1
10
100
1000
10000
FREQUENCY (MHz)
0.5pF
10pF
gCN (X7R) Characteristics
Fig.3 Capacitance-temperature
characteristics
30
20
10
0
−10
−20
−30
5
10
−80
−40
0
40
80
120
160
TEMPERATURE : (
°C)
Fig.4 Impedance-frequency
characteristics
1000000
100000
10000
1000
100
10
1
0.1
1
10
100
1000
10000
FREQUENCY (MHz)
1000pF
gFN (Y5V) Characteristics
Fig.5 Capacitance-temperature
characteristics
20
10
0
−10
−20
−30
−40
−50
−60
−70
−80
10
20
30
40
50
60
−80
−40
0
40
80
120
160
TEMPERATURE : (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com