Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCH038FN103CK Datasheet(PDF) 9 Page - Rohm

Part # MCH038FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH038FN103CK Datasheet(HTML) 9 Page - Rohm

Back Button MCH038FN103CK Datasheet HTML 5Page - Rohm MCH038FN103CK Datasheet HTML 6Page - Rohm MCH038FN103CK Datasheet HTML 7Page - Rohm MCH038FN103CK Datasheet HTML 8Page - Rohm MCH038FN103CK Datasheet HTML 9Page - Rohm MCH038FN103CK Datasheet HTML 10Page - Rohm MCH038FN103CK Datasheet HTML 11Page - Rohm MCH038FN103CK Datasheet HTML 12Page - Rohm MCH038FN103CK Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
9/12
Packaging specifications
Taping dimensions
Reel dimensions
Symbol
Dimensions
0.37
+/ −0.03
0.67
+/ −0.03
+/ −0.2
8.0
+/ −0.05
3.5
+/ −0.1
1.75
+/ −0.05
2.0
+/ −0.1
4.0
+0.1/ −0
φ1.5
+/ −0.05
2.0
(Unit : mm)
(Unit : mm)
Symbol
Style
+1.0
−0
9.0
Label pasting
As per EIAJ ET
−7200A
Pulling direction
φ J
FG
H
E
D
C
Pulling direction
t
t1
CD
E
F
G
H
J
t
d
d
0.37
+/ −0.02
0.42
+/ −0.02
t1
0.5
MAX.
MCH03
AB
(Unit : mm)
A
B
(1) The quantity for one reel is as bellows.
(2) When the tape is pulled out towards the operator with the cover tape facing
upward, the feeding holes shall be found on the right portion of the tape.
(3) Specification of beginning and ending of the tape are as follows.
(4) No juncture of tape shall be allowed.
(5) The share strength of tape shall be more than 5N at the break down strength.
(6) The peel strength of the cover tape shall be 0.1 to 0.7(N) when the cover tape are
peeled 0 to 15
° degree from the surface.
(7) The number of missing components shall not exceed 0.1% of the total number
of components (marked number) or one whichever is the larger, and no consecutive
missing exceeding two is allowed.
(8) The reels made from resin shall be used, as per EIAJ ET-7200A.
Kind of reel
Series
Paper tape
Quantity
Symbol
φ180 reel
MCH03 15,000 pcs.
K
Ending(reel's center)
: Approx. 300mm (no chips)
Beginning(reel's round)
: Approx. 270mm (no chips)
: Approx. 30mm (no pasted tape)
: Approx. 260mm (cover tape only)
Marking
No marking shall be performed on the chip.
Trademark, parts number, quantity, lot No. , and country of origin shall be labeled on each reel, bulk case.
Numbering system for LOT No.
Example
(1)
03
(2)
01
(4)
J
(3)
A0001
(1) The end of the Christian Era < two digits> of production finish.
(2) Week in completing part of production finish.
(3) Manufacture continuity number.
(4) The symbol of manufacturing plant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com